Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZA4PD-4 Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części ZA4PD-4
Szczegółowy opis  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZA4PD-4 Arkusz danych(HTML) 1 Page - Mini-Circuits

  ZA4PD-4 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZA4PD-4
TOTAL LOSS
6.0
6.2
6.4
6.6
6.8
7.0
2000
2400
2800
3200
3600
4000
4400
FREQUENCY (MHz)
S-1(dB)
S-3(dB)
ZA4PD-4
ISOLATION
0
10
20
30
40
50
60
70
80
2000
2400
2800
3200
3600
4000
4400
FREQUENCY (MHz)
1-2(dB)
2-3(dB)
3-4(dB)
Outline Dimensions (
)
inch
mm
Typical Performance Data
Electrical Specifications
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
PORT 3
3
PORT 4
4
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W max.
Internal Dissipation
0.375W max.
DC Current
1.6 A (400mA for each port)
Outline Drawing
electrical schematic
4 Way-0°
50Ω
2000 to 4200 MHz
Power Splitter/Combiner
REV. F
M151107
ZA4PD-4+
HY/TD/CP
151015
Features
• wideband, 2000 to 4200 MHz
• good isolation, 25 dB typ.
• up to 10W power input as splitter
Applications
• MMDS
• wireless communication
ZA4PD-4
VSWR
1.00
1.20
1.40
1.60
1.80
2000
2400
2800
3200
3600
4000
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#3-VSWR
ZA4PD-4+
Connectors Model
SMA
ZA4PD-4-S+
N-TYPE
ZA4PD-4-N+
N-Type version shown
CASE STYLE: DD52
A
BC
D
E
F
G
2.00
2.00
.75
.90
.156 1.688
.125
50.80
50.80
19.05
22.86
3.96
42.88
3.18
H
J
K
L
M
wt
.38
1.00
.50
1.00
1.25
grams
9.65
25.40
12.70
25.40
31.75
150.00
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
DC Pass
RF+DC
RF+DC
RF+DC
RF+DC
RF+DC
DC Through
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
2
VSWR
3
VSWR
4
S-1
S-2
S-3
S-4
1-2
2-3
3-4
2000.00
6.44
6.28
6.30
6.44
0.16
29.99
26.13
29.17
1.49
1.33
1.11
1.20
1.20
1.10
2220.00
6.47
6.24
6.28
6.48
0.24
36.22
23.10
32.98
1.58
1.40
1.10
1.21
1.21
1.10
2440.00
6.58
6.37
6.41
6.59
0.22
39.29
22.41
34.60
1.59
1.49
1.08
1.23
1.21
1.10
2550.00
6.62
6.40
6.43
6.63
0.23
41.23
22.65
35.90
2.05
1.51
1.08
1.24
1.21
1.09
2660.00
6.60
6.44
6.46
6.61
0.17
45.46
23.35 38.23
1.96
1.51
1.07
1.23
1.21
1.09
2715.00
6.52
6.21
6.25
6.53
0.32
49.59
23.57
39.84
1.65
1.42
1.06
1.23
1.20
1.09
2880.00
6.54
6.26
6.30
6.55
0.29
47.42
25.73
46.22
1.96
1.38
1.06
1.21
1.18
1.08
3045.00
6.49
6.16
6.20
6.50
0.34
37.74
28.98
39.58
2.02
1.29
1.05
1.19
1.16
1.08
3210.00
6.53
6.19
6.24
6.54
0.35
33.51
35.51
34.63
2.21
1.23
1.03
1.18
1.15
1.06
3430.00
6.58
6.21
6.22
6.55
0.38
32.07
45.95
32.73
2.11
1.15
1.02
1.17
1.13
1.03
3540.00
6.55
6.14
6.18
6.55
0.42
32.32
35.52
32.51
2.49
1.18
1.03
1.17
1.13
1.00
3650.00
6.53
6.12
6.17
6.54
0.42
33.22
31.12
32.91
2.64
1.20
1.07
1.18
1.15
1.04
3815.00
6.69
6.22
6.26
6.67
0.47
37.05
27.33 35.53
2.77
1.20
1.14
1.20
1.17
1.10
4035.00
6.64
6.12
6.15
6.65
0.53
40.08
23.88 38.84
3.02
1.17
1.21
1.23
1.21
1.17
4200.00
6.67
6.10
6.15
6.68
0.58
30.89
21.99
31.59
3.20
1.20
1.26
1.24
1.23
1.24
1. Total Loss = Insertion Loss + 6dB splitter loss.
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 6.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
Typ. Min.
Typ. Max.
Max.
Max.
2000-4200
25
16
0.5
1.0
16
0.8
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com


Podobny numer części - ZA4PD-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ZA4PD-2 ETC2-ZA4PD-2 Datasheet
169Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
logo
Mini-Circuits
ZA4PD-2 MINI-ZA4PD-2 Datasheet
200Kb / 1P
   Power Splitter/Combiner
REV. F
logo
List of Unclassifed Man...
ZA4PD-2++ ETC2-ZA4PD-2+ Datasheet
169Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
logo
Mini-Circuits
ZA4PD-2++ MINI-ZA4PD-2+ Datasheet
200Kb / 1P
   Power Splitter/Combiner
REV. F
ZA4PD-2-N++ MINI-ZA4PD-2-N+ Datasheet
200Kb / 1P
   Power Splitter/Combiner
REV. F
More results

Podobny opis - ZA4PD-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com