Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP121AIDBVR Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części TMP121AIDBVR
Szczegółowy opis  1.5C Accurate Digital Temperature Sensor with SPI Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP121AIDBVR Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  TMP121AIDBVR Datasheet HTML 1Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 2Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 3Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 4Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 5Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 6Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 7Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 8Page - Burr-Brown (TI) TMP121AIDBVR Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
D DIGITAL OUTPUT: SPI-Compatible Interface
D RESOLUTION: 12-Bit + Sign, 0.0625°C
D ACCURACY:
±1.5°C from −25°C to +85°C (max)
D LOW QUIESCENT CURRENT: 50µA (max)
D WIDE SUPPLY RANGE: 2.7V to 5.5V
D TINY SOT23-6 PACKAGE
D OPERATION TO 150°C
APPLICATIONS
D POWER-SUPPLY TEMPERATURE
MONITORING
D COMPUTER PERIPHERAL THERMAL
PROTECTION
D NOTEBOOK COMPUTERS
D CELL PHONES
D BATTERY MANAGEMENT
D OFFICE MACHINES
DESCRIPTION
The TMP121 and TMP123 are SPI-compatible tempera-
ture sensors available in the tiny SOT23-6 package.
Requiring no external components, the TMP121 and
TMP123 are capable of measuring temperatures within
2
°C of accuracy over a temperature range of −40°C to
+125
°C. Low supply current, and a supply range from 2.7V
to 5.5V, make the TMP121 and TMP123 excellent
candidates for low-power applications.
The TMP121 and TMP123 are ideal for extended thermal
measurement in a variety of communication, computer,
consumer, environmental, industrial, and instrumentation
applications.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP121
Temperature
GND
NC
NC = No Connection(1)
1
2
3
6
5
4
V+
SO
CS
SCK
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP123
NC
GND
NC = No Connection(1)
1
2
3
6
5
4
V+
SO
CS
SCK
Temperature
(1) Pins labeled NC should be left floating or connected to GND.
TMP121
TMP123
SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005
1.5
°C Accurate Digital Temperature Sensor
with SPI
 Interface
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Podobny numer części - TMP121AIDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP121AIDBVR TI-TMP121AIDBVR Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP121AIDBVRG4 TI-TMP121AIDBVRG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
More results

Podobny opis - TMP121AIDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com