Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA10-21CGKWA Arkusz danych(PDF) 5 Page - Kingbright Corporation

Numer części SA10-21CGKWA
Szczegółowy opis  25.4 mm (1.0 inch) Single Digit Numeric Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA10-21CGKWA Arkusz danych(HTML) 5 Page - Kingbright Corporation

  SA10-21CGKWA Datasheet HTML 1Page - Kingbright Corporation SA10-21CGKWA Datasheet HTML 2Page - Kingbright Corporation SA10-21CGKWA Datasheet HTML 3Page - Kingbright Corporation SA10-21CGKWA Datasheet HTML 4Page - Kingbright Corporation SA10-21CGKWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAM8409 / 1301002031 Rev No: V.2A Date: 09/27/2017
Page 5 / 5
SA10-21CGKWA
CIRCUIT DESIGN NOTES
1. Protective current-limiting resistors may be necessary to operate the LEDs within the specified range.
2. LEDs mounted in parallel should each be placed in series with its own current-limiting resistor.(Fig.3)
3. The driving circuit should be designed to protect the LED against reverse
voltages and transient voltage spikes when the circuit is powered up
or shut down.
4. The safe operating current should be chosen after considering the
maximum ambient temperature of the operating environment.
5. Prolonged reverse bias should be avoided, as it could cause metal
migration, leading to an increase in leakage current or causing
a short circuit.
PRECAUTIONARY NOTES
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. Before production usage customer should refer to
the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental and electrical limits specified in the datasheet. If
customer usage exceeds the specified limits, Kingbright will not be responsible for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has special reliability requirements or have life-threatening
liabilities, such as automotive or medical usage, please consult with Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Podobny numer części - SA10-21CGKWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
SA10-21EWA KINGBRIGHT-SA10-21EWA Datasheet
162Kb / 3P
   Standard-Displays
SA10-21EWA KINGBRIGHT-SA10-21EWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21GWA KINGBRIGHT-SA10-21GWA Datasheet
162Kb / 3P
   Standard-Displays
SA10-21GWA KINGBRIGHT-SA10-21GWA Datasheet
214Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21HWA KINGBRIGHT-SA10-21HWA Datasheet
162Kb / 3P
   Standard-Displays
More results

Podobny opis - SA10-21CGKWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
SA10-21SYKWA KINGBRIGHT-SA10-21SYKWA Datasheet
227Kb / 5P
   25.4 mm (1.0 inch) Single Digit Numeric Display
SC10-21YWA KINGBRIGHT-SC10-21YWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21SRWA KINGBRIGHT-SA10-21SRWA Datasheet
120Kb / 4P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21GWA KINGBRIGHT-SA10-21GWA Datasheet
214Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21SRWA KINGBRIGHT-SC10-21SRWA Datasheet
122Kb / 4P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21EWA KINGBRIGHT-SC10-21EWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21GWA KINGBRIGHT-SC10-21GWA Datasheet
215Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21EWA KINGBRIGHT-SA10-21EWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21YWA KINGBRIGHT-SA10-21YWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
Inolux Corporation
HNTS100 INOLUX-HNTS100 Datasheet
1Mb / 17P
   1.0 Single Digit Numeric Display
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com