Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3L110D Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3L110D
Szczegółowy opis  QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3L110D Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TS3L110D Datasheet HTML 2Page - Texas Instruments TS3L110D Datasheet HTML 3Page - Texas Instruments TS3L110D Datasheet HTML 4Page - Texas Instruments TS3L110D Datasheet HTML 5Page - Texas Instruments TS3L110D Datasheet HTML 6Page - Texas Instruments TS3L110D Datasheet HTML 7Page - Texas Instruments TS3L110D Datasheet HTML 8Page - Texas Instruments TS3L110D Datasheet HTML 9Page - Texas Instruments TS3L110D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TS3L110
QUAD SPDT HIGHBANDWIDTH 10/100 BASET LAN SWITCH
DIFFERENTIAL 8CHANNEL TO 4CHANNEL MULTIPLEXER/DEMULTIPLEXER
SCDS176 − SEPTEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
OPERATING CHARACTERISTICS
−7
−6
−5
−4
−3
−2
−1
0
1
10
100
700
Frequency (MHz)
J
Phase at 627 MHz, −36 Degrees
Y
Gain −3 dB at 627 MHz
J
Y
Gain
Phase
0
−10
−20
−30
−40
−50
−70
−60
Figure 1. Gain/Phase vs Frequency
−100
−80
−60
−40
−20
0
20
1
10
100
700
Frequency (MHz)
J
Y
Phase
Gain
J
Phase at 250 MHz, 88.2 Degrees
Y
Gain −28.5 dB at 250 MHz
120
100
80
60
40
20
0
Figure 2. OFF Isolation vs Frequency


Podobny numer części - TS3L110D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3L110D TI-TS3L110D Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DBQR TI-TS3L110DBQR Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DBQRE4 TI-TS3L110DBQRE4 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DBQRG4 TI-TS3L110DBQRG4 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DE4 TI-TS3L110DE4 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TS3L110D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3L110 TI-TS3L110_10 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
logo
Allied Components Inter...
AHSC-4002I ALLIED-AHSC-4002I Datasheet
380Kb / 1P
   10/100 Base T Quad Port LAN Filter Module
AHSC-4001S ALLIED-AHSC-4001S Datasheet
688Kb / 2P
   10/100 Base T Quad Port LAN Filter Module
logo
Taoglas antenna solutio...
TM1188NL TAOGLAS-TM1188NL Datasheet
867Kb / 9P
   LAN Transformer 10/100 Base-T
2022-11-08
logo
Bothhand USA, LP.
TS6121LX BOTHHAND-TS6121LX Datasheet
263Kb / 1P
   10/100 BASE-T LAN MAGNETIC
logo
Taoglas antenna solutio...
TM42430ANL TAOGLAS-TM42430ANL Datasheet
860Kb / 9P
   LAN Transformer 10-100 Base-T
2022-11-08
logo
Bothhand USA, LP.
TS6121LM BOTHHAND-TS6121LM Datasheet
268Kb / 1P
   10/100 BASE-T LAN MAGNETICS
TS6121L BOTHHAND-TS6121L Datasheet
264Kb / 1P
   10/100 BASE-T LAN MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com