Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-304-3 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części ADC-304-3
Szczegółowy opis  8-Bit, 20MHz, Low-Power Flash A/D Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

ADC-304-3 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  ADC-304-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-304-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-304-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-304-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-304-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INPUT/OUTPUT CONNECTIONS
PLASTIC DIP PACKAGE
PIN
FUNCTION
PIN
FUNCTION
1
BIT 1 (MSB)
28
MINV
2
BIT 2
27
VM
3
BIT 3
26
VB
4
BIT 4
25
ANALOG GND
5
DIGITAL GND
24
NO CONNECT
6
+5V POWER
23
ANALOG INPUT
7
–5.2V POWER
22
NO CONNECT
8
–5.2V POWER
21
ANALOG INPUT
9
–5.2V POWER
20
NO CONNECT
10
+5V POWER
19
ANALOG GND
11
DIGITAL GND
18
VT
12
LINV
17
CLOCK INPUT
13
BIT 5
16
BIT 8 (LSB)
14
BIT 6
15
BIT 7
FEATURES
• 8-bit resolution
• 20MHz conversion rate
• ±1/2LSB maximum nonlinearity
• 8MHz input bandwidth
• Low power consumption, 375mW
• TTL compatible
• Single or dual supply operation
GENERAL DESCRIPTION
Datel’s ADC-304 is an 8-bit, 20MHz analog-to-digital flash
converter. The ADC-304 offers many performance features not
obtainable from other flash A/D’s.
Key reatures include a low power dissipation of 375mW and
TTL-compatible outputs. A wide analog input bandwidth of
8MHz (–3dB) allows operation without the need of a sample-
hold. Also, single +5V supply operation is obtainable with an
input range of +3 to +5V, eliminating the need for an additional
power supply. A 0 to –2V input range is available with ±5V
supply operation.
Another novel feature of the ADC-304 is its user-selectable
output coding. The MINV and LINV pins allow selection of
binary, complementary binary, and if external offset circuitry is
used for bipolar inputs, offset binary, two’s complement and
complementary two’s complement coding.
The ADC-304 is supplied in a 28-pin plastic DIP or a 28-pin
plastic SOP package. Operating temperature range is –20 to
+75°C. Storage temperature range is –55 to +150°C.
INPUT/OUTPUT CONNECTIONS
PLASTIC SOP PACKAGE
PIN
FUNCTION
PIN
FUNCTION
1
ANALOG INPUT
28
ANALOG INPUT
2
VB SENSE
27
VT SENSE
3
ANALOG GND
26
ANALOG GND
4
VB
25
VT
5
VM
24
CLOCK INPUT
6
NO CONNECT
23
BIT 8 (LSB)
7
MINV
22
BIT 7
8
BIT 1 (MSB)
21
BIT 6
9
BIT 2
20
BIT 5
10
BIT 3
19
LINV
11
BIT 4
18
DIGITAL GND
12
DIGITAL GND
17
+5V POWER
13
+5V POWER
16
OVERRANGE
14
–5.2V POWER
15
–5.2V POWER
Figure 1. ADC-304 Functional Block Diagram
IN N O VA T IO N a n d E X C ELL E N C E
®
®
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
OVERRANGE Œ
CLOCK
INPUT
BIT 8 (LSB)
LINV
BIT 7
BIT 6
BIT 5
ANALOG
INPUT
VB
VB SENSE Œ
R/2
R/2
R/2
R
R
R
R
7
6
6
6
6
COMPARATOR
LATCH
1
256
129
128
3
2
1
VM
VT SENSE Œ
MINV
ΠTHESE PINS ARE AVAILABLE ON SOP PACKAGE ONLY
VT
ANALOG
INPUT
ADC-304
8-Bit, 20MHz, Low-Power
Flash A/D Converters
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance (800) 233-2765


Podobny numer części - ADC-304-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
ADC-302 MURATA-PS-ADC-302 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-305-1 ETC-ADC-305-1 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
More results

Podobny opis - ADC-304-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-207 ETC-ADC-207 Datasheet
212Kb / 6P
   7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
DATEL, Inc.
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com