Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSBB30CH60 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FSBB30CH60
Szczegółowy opis  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB30CH60 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FSBB30CH60 Datasheet HTML 2Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 3Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 4Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 5Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 6Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 7Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 8Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 9Page - Fairchild Semiconductor FSBB30CH60 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.fairchildsemi.com
FSBB30CH60 Rev. C
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition internally.
For the detailed information, please see Figure 4.
Figure 4. Switching Time Definition
Symbol
Parameter
Conditions
Min.
Typ. Max. Units
VCE(SAT)
Collector - Emitter
Saturation Voltage
VCC = VBS = 15V
VIN = 5V
IC =30A, TJ = 25°C
-
-
2.75
V
VF
FWD Forward Voltage
VIN = 0V
IC =30A, TJ = 25°C
-
-
2.4
V
HS
tON
Switching Times
VPN = 300V, VCC = VBS = 15V
IC = 30A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-0.49
-
µs
tC(ON)
-0.34
-
µs
tOFF
-0.86
-
µs
tC(OFF)
-0.52
-
µs
trr
-0.10
-
µs
LS
tON
VPN = 300V, VCC = VBS = 15V
IC = 30A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-0.68
-
µs
tC(ON)
-0.47
-
µs
tOFF
-0.90
-
µs
tC(OFF)
-0.50
-
µs
trr
-0.10
-
µs
ICES
Collector-Emitter
Leakage Current
VCE = VCES
-
-
250
µA
V
CE
I
C
V
IN
t
ON
t
C(ON)
V
IN(ON)
10% I
C
10% V
CE
90% I
C
100% I
C
t
rr
100% I
C
V
CE
I
C
V
IN
t
OFF
t
C(OFF)
V
IN(OFF)
10% V
CE
10% I
C
(a) turn-on
(b) turn-off


Podobny numer części - FSBB30CH60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSBB30CH60 FAIRCHILD-FSBB30CH60 Datasheet
568Kb / 16P
   Smart Power Module
FSBB30CH60C FAIRCHILD-FSBB30CH60C Datasheet
523Kb / 17P
   Smart Power Module
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
logo
ON Semiconductor
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
   Motion SPM 3 Series
January 2014 Rev. C3
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results

Podobny opis - FSBB30CH60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com