Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP666G Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP666G
Szczegółowy opis  Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP666G Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP666G Datasheet HTML 1Page - Toshiba Semiconductor TLP666G Datasheet HTML 2Page - Toshiba Semiconductor TLP666G Datasheet HTML 3Page - Toshiba Semiconductor TLP666G Datasheet HTML 4Page - Toshiba Semiconductor TLP666G Datasheet HTML 5Page - Toshiba Semiconductor TLP666G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP666G
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
∆IF / °C
-0.7
mA / °C
Peak forward current (100µs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state output terminal voltage
VDRM
400
V
Ta=25°C
100
On
-state RMS current
Ta=70°C
IT(RMS)
50
mA
On
-state current derating (Ta ≥ 25°C)
∆IT / °C
-1.1
mA / °C
Peak on
-state current (100µs pulse, 120pps)
ITP
2
A
Peak nonrepetitive surge current (PW=10ms, DC=10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-40~100
°C
Lead solder temperature (10s)
Tsold
260
°C
Isolation voltage (AC, 1min., R.H.≤ 60%)
(Note 2)
BVS
5000
Vrms
(Note 2) Pins 1,2 and 3 shorted together and pins 4 and 6 shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
120
Vac
Forward current
IF
15
20
25
mA
Peak on
-state current
ITP
1
A
Operating temperature
Topr
-25
85
°C


Podobny numer części - TLP666G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP666GF TOSHIBA-TLP666GF Datasheet
103Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Podobny opis - TLP666G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com