Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP666G Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP666G
Szczegółowy opis  Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP666G Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP666G Datasheet HTML 1Page - Toshiba Semiconductor TLP666G Datasheet HTML 2Page - Toshiba Semiconductor TLP666G Datasheet HTML 3Page - Toshiba Semiconductor TLP666G Datasheet HTML 4Page - Toshiba Semiconductor TLP666G Datasheet HTML 5Page - Toshiba Semiconductor TLP666G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP666G
2002-09-25
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse current
IR
VR=5 V
10
µA
Capacitance
CT
V=0, f=1MHz
30
pF
Peak off
-state current
IDRM
VDRM=400V
10
100
nA
Peak on
-state voltage
VTM
ITM=100mA
1.7
3.0
V
Holding current
IH
0.6
mA
Critical rate of rise of
off
-state voltage
dv / dt
Vin=120Vrms, Ta=85°C
(Note 3)
200
500
V / µs
Critical rate of rise of
commutating voltage
dv/dt(c)
Vin=30Vrms, IT=15mA
(Note 3)
0.2
V / µs
(Note 3) dv / dt test circuit
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT=3V
5
10
mA
Inhibit voltage
VIH
IF=rated IFT
40
V
Leakage in inhibited state
IIH
IF=rated IFT
VT=rated VDRM
100
300
µA
Capacitance (input to output)
CS
VS=0, f=1MHz
0.8
pF
Isolation resistance
RS
VS=500V, R.H.≤ 60%
5×10
12
10
14
AC, 1 minute
5000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc
dv / dt(c)
dv / dt
5V, VCC
0V
1
2
3
6
4
VCC
Vin
RL
4kΩ
120Ω
Rin
5
-
+


Podobny numer części - TLP666G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP666GF TOSHIBA-TLP666GF Datasheet
103Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Podobny opis - TLP666G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com