Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF7011BRU Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADF7011BRU
Szczegółowy opis  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF7011BRU Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADF7011BRU Datasheet HTML 7Page - Analog Devices ADF7011BRU Datasheet HTML 8Page - Analog Devices ADF7011BRU Datasheet HTML 9Page - Analog Devices ADF7011BRU Datasheet HTML 10Page - Analog Devices ADF7011BRU Datasheet HTML 11Page - Analog Devices ADF7011BRU Datasheet HTML 12Page - Analog Devices ADF7011BRU Datasheet HTML 13Page - Analog Devices ADF7011BRU Datasheet HTML 14Page - Analog Devices ADF7011BRU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
ADF7011
–11–
RF N Register
C2 (0) C1 (1)
M1
M12
CONTROL
BITS
12-BIT FRACTIONAL-N
8-BIT INTEGER-N
DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
N8
DB20
DB21
DB23 DB22
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
N1
N2
N3
N4
N5
N6
N7
V1
LDP
THE N VALUE CHOSEN IS A MINIMUM OF
P2 + 3P + 3. FOR PRESCALER = 8/9, THIS
MEANS A MINIMUM N DIVIDE OF 91.
N COUNTER
DIVIDE RATIO
0
0011111
31
0
0100000
32
0
0100001
33
0
0100010
34
.
.......
.
.
.......
.
.
.......
.
1
1111101
253
1
1111110
254
1
1111111
255
N8
N7
N6
N5
N4
N3
N2
N1
MODULUS
DIVIDE RATIO
0
0
0
..........
1
0
0
4
0
0
0
..........
1
0
1
5
0
0
0
..........
1
1
0
6
.
.
.
..........
...
.
.
.
.
..........
...
.
.
.
.
..........
...
.
1
1
1
..........
1
0
0
4092
1
1
1
..........
1
0
1
4093
1
1
1
..........
1
1
0
4094
1
1
1
..........
1
1
1
4095
M12
M11
M10
..........
M3
M2
M1
VCO BAND
(MHz)
0
866–870
1
433–435
LOCK DETECT
PRECISION
0
3 CYCLES < 15ns
1
5 CYCLES < 15ns
e.g., SETTING F = 0 IN FSK MODE TURNS ON THE
- WHILE THE PLL IS AN INTEGER VALUE
e.g., MODULUS DIVIDE RATIO = 2048 –> FRACTION 1/2
LDP
V1


Podobny numer części - ADF7011BRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
More results

Podobny opis - ADF7011BRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com