Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCF4094BM1 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części HCF4094BM1
Szczegółowy opis  8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094BM1 Arkusz danych(HTML) 1 Page - STMicroelectronics

  HCF4094BM1 Datasheet HTML 1Page - STMicroelectronics HCF4094BM1 Datasheet HTML 2Page - STMicroelectronics HCF4094BM1 Datasheet HTML 3Page - STMicroelectronics HCF4094BM1 Datasheet HTML 4Page - STMicroelectronics HCF4094BM1 Datasheet HTML 5Page - STMicroelectronics HCF4094BM1 Datasheet HTML 6Page - STMicroelectronics HCF4094BM1 Datasheet HTML 7Page - STMicroelectronics HCF4094BM1 Datasheet HTML 8Page - STMicroelectronics HCF4094BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
October 2002
s
3- STATE PARALLEL OUTPUTS FOR
CONNECTION TO COMMON BUS
s
SEPARATE SERIAL OUTPUTS
SYNCHRONOUS TO BOTH POSITIVE AND
NEGATIVE CLOCK EDGES FOR
CASCADING
s
MEDIUM SPEED OPERATION 5MHz at 10V
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD =18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4094B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4094B is an 8 stages serial shift register
having a storage latch associated with each stage
for strobing data from the serial input to parallel
buffered 3-state outputs. The parallel outputs may
be connected directly to common bus lines. Data
is shifted on positive clock transition. The data in
each shift register stage is transferred to the
storage register when the STROBE input is high.
Data in the storage register appears at the outputs
whenever the OUTPUT-ENABLE signal is high.
Two serial outputs are available for cascading a
number of HCF4094B devices. Data is available
at the QS serial output terminal on positive clock
edges to allow for high speed operation in
cascaded system in which the clock rise time is
fast. The same serial information, available at the
Q’S terminal on the next negative clock edge,
provides a means for cascading HCF4094B
devices when the clock rise time is slow.
HCF4094B
8 STAGE SHIFT AND STORE BUS REGISTER
WITH 3-STATE OUTPUTS
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4094BEY
SOP
HCF4094BM1
HCF4094M013TR
DIP
SOP


Podobny numer części - HCF4094BM1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCF4094BM1 STMICROELECTRONICS-HCF4094BM1 Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
HCF4094BM1 STMICROELECTRONICS-HCF4094BM1 Datasheet
237Kb / 13P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
More results

Podobny opis - HCF4094BM1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B_04 Datasheet
237Kb / 13P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_14 Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
MC14094B ONSEMI-MC14094B Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
ON Semiconductor
MC14094BDTR2G ONSEMI-MC14094BDTR2G Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com