Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78681E Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LC78681E
Szczegółowy opis  Digital Signal Processor for Compact Disc Players
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78681E Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LC78681E Datasheet HTML 5Page - Sanyo Semicon Device LC78681E Datasheet HTML 6Page - Sanyo Semicon Device LC78681E Datasheet HTML 7Page - Sanyo Semicon Device LC78681E Datasheet HTML 8Page - Sanyo Semicon Device LC78681E Datasheet HTML 9Page - Sanyo Semicon Device LC78681E Datasheet HTML 10Page - Sanyo Semicon Device LC78681E Datasheet HTML 11Page - Sanyo Semicon Device LC78681E Datasheet HTML 12Page - Sanyo Semicon Device LC78681E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2. 2-byte Commands
The commands are executed on the falling edge of RWC.
Focus Servocontroller (pin 13: FOCS, pin 14: FST, pin 15: FZD and pin 57: LASER)
1. Laser Control
2. Focus Start
When a Focus Start command (either 1 or 2) is issued, the pickup lens is first lowered as C1 discharges through FST
and then raised gradually as C1 is recharged by FOCS. FZD goes low when the focal point is reached, and FOCS is
reset and the focus servocontroller turned on when this signal is received.
After issuing this command, the microprocessor checks the DRF signal from the LA9210 to verify that focus has
been reached, and advances to the next step. If C1 recharges fully before focus has been reached, the Focus Start
command should be reissued to repeat operation of the focus servocontroller.
No. 4521-9/23
LC78681E
MSB
LSB
Command
RES = low
00001000
FOCUS START #1
10100010
FOCUS START #2
00001010
LASER ON
10001010
LASER OFF
00000000
NOTHING


Podobny numer części - LC78681E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
LC78681KE-L SANYO-LC78681KE-L Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
More results

Podobny opis - LC78681E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7865E SANYO-LC7865E Datasheet
105Kb / 2P
   Digital Signal Processor for Compact Disc Players
LC7860KA SANYO-LC7860KA Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC7868KE SANYO-LC7868KE Datasheet
584Kb / 23P
   Digital Signal Processor for Compact Disc Players???
LC7868E SANYO-LC7868E Datasheet
538Kb / 22P
   Digital Signal Processor for Compact Disc Players???
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
   Digital Signal Processor for Compact Disc Players
LC7867E SANYO-LC7867E Datasheet
454Kb / 20P
   Digital Signal Processor for Compact Disc Players?
logo
ON Semiconductor
LC786965UW ONSEMI-LC786965UW Datasheet
489Kb / 33P
   Single Chip Digital Signal Processor LSI for Compact Disc Players
July 2017 - Rev. 0
logo
NXP Semiconductors
TDA5709 PHILIPS-TDA5709 Datasheet
488Kb / 13P
   RADIAL ERROR SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
July 1985
TDA8808T PHILIPS-TDA8808T Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com