Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMPN3120A20U Arkusz danych(PDF) 9 Page - Toshiba Semiconductor

Numer części TMPN3120A20U
Szczegółowy opis  TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPN3120A20U Arkusz danych(HTML) 9 Page - Toshiba Semiconductor

Back Button TMPN3120A20U Datasheet HTML 4Page - Toshiba Semiconductor TMPN3120A20U Datasheet HTML 5Page - Toshiba Semiconductor TMPN3120A20U Datasheet HTML 6Page - Toshiba Semiconductor TMPN3120A20U Datasheet HTML 7Page - Toshiba Semiconductor TMPN3120A20U Datasheet HTML 8Page - Toshiba Semiconductor TMPN3120A20U Datasheet HTML 9Page - Toshiba Semiconductor TMPN3120A20U Datasheet HTML 10Page - Toshiba Semiconductor TMPN3120A20U Datasheet HTML 11Page - Toshiba Semiconductor TMPN3120A20U Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TMPN3120A20M/U
2003-07-01 9/12
ITEM
SYMBOL
TYP.
MAX
UNIT
20 MHz Clock
33
55
10 MHz Clock
15
30
5 MHz Clock
7
15
2.5 MHz Clock
4
8
1.25 MHz Clock
2.2
5
Operating
Mode
Current
Consumption
0.625 MHz Clock
IDD (OP)
1.2
3
mA
Sleep Mode Current
Consumption
IDD (SLP)
16
100
µA
Note:
Test conditions for current dissipation
VDD = 5V, all output = with no load, all input = 0.2V or below or VDD − 0.2 V, programmable pull-up = off,
crystal oscillator clock input, differential receiver disabled.
The current value ( typ. ) is a typical value when Ta = 25.°C
The current value ( max ) applies to the rated temperature range at VDD = 5.5 V.
200Aµ( typ. ) to 600µA ( max ) is added to the current of the differential receiver when the receiver is
enabled.
The differential receiver is enabled by either of the following conditions :
● When the Neuron Chip is in Run mode and the communication ports are in Differential mode.
● When the Neuron Chip is in Sleep mode, the communication ports are in Differential mode, and the
Comm Port Wakeup is not masked.


Podobny numer części - TMPN3120A20U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMPN3120B1AM TOSHIBA-TMPN3120B1AM Datasheet
177Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TMPN3120E1M TOSHIBA-TMPN3120E1M Datasheet
175Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TMPN3120FE3M TOSHIBA-TMPN3120FE3M Datasheet
214Kb / 12P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TMPN3120FE3MG TOSHIBA-TMPN3120FE3MG Datasheet
371Kb / 10P
   Neuron짰 Chip for Distributed Intelligent Control Networks (LONWORKS)
TMPN3120FE3U TOSHIBA-TMPN3120FE3U Datasheet
214Kb / 12P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Podobny opis - TMPN3120A20U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com