Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54LS114FMQB Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54LS114FMQB
Szczegółowy opis  Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS114FMQB Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  54LS114FMQB Datasheet HTML 1Page - National Semiconductor (TI) 54LS114FMQB Datasheet HTML 2Page - National Semiconductor (TI) 54LS114FMQB Datasheet HTML 3Page - National Semiconductor (TI) 54LS114FMQB Datasheet HTML 4Page - National Semiconductor (TI) 54LS114FMQB Datasheet HTML 5Page - National Semiconductor (TI) 54LS114FMQB Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics (Continued)
Over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
IIL
Low Level Input Current
VCC e Max VI e 04V Jn Kn Inputs
b
04
mA
SD1 SD2 Inputs
b
08
mA
CD Input
b
16
mA
CP Input
b
144
mA
IOS
Short Circuit
VCC e Max
b
20
b
100
mA
Output Current
(Note 2)
ICC
Supply Current
VCC e Max VCP e 0V
80
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
RL e 2k CL e 15 pF
Units
Min
Max
fmax
Maximum Count Frequency
30
MHz
tPLH
Propagation Delay
16
ns
tPHL
CP toQorQ
24
tPLH
Propagation Delay
16
ns
tPHL
CD or SDntoQorQ
24
Truth Table
Inputs
Output
tn
tna1
JK
Q
LL
Qn
LH
L
HL
H
HH
Qn
Asynchronous Inputs
LOW input to SD sets Q to HIGH level
LOW input to CD sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and SD
makes both Q and Q HIGH
H e HIGH Voltage Level
L e LOW Voltage Level
tn e Bit time before clock pulse
tna1 e Bit time after clock pulse
3


Podobny numer części - 54LS114FMQB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54LS11 NSC-54LS11 Datasheet
120Kb / 6P
   Triple 3-Input AND Gates
logo
List of Unclassifed Man...
54LS11 ETC1-54LS11 Datasheet
56Kb / 1P
   TRIPLE 3-INPUT AND GATE
logo
National Semiconductor ...
54LS112 NSC-54LS112 Datasheet
102Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGERED MASTER-SLAVE J-K FLIP-FLOPS WITH PRESET, CLEAR, AND COMPLEMENTARY OUTPUTS
54LS112DMQB NSC-54LS112DMQB Datasheet
102Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGERED MASTER-SLAVE J-K FLIP-FLOPS WITH PRESET, CLEAR, AND COMPLEMENTARY OUTPUTS
54LS112FMQB NSC-54LS112FMQB Datasheet
102Kb / 3P
   DUAL NEGATIVE-EDGE-TRIGERED MASTER-SLAVE J-K FLIP-FLOPS WITH PRESET, CLEAR, AND COMPLEMENTARY OUTPUTS
More results

Podobny opis - 54LS114FMQB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F114 FAIRCHILD-74F114 Datasheet
55Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com