Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OMF63 Arkusz danych(PDF) 1 Page - Schurter Inc.

Numer części OMF63
Szczegółowy opis  Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

OMF63 Arkusz danych(HTML) 1 Page - Schurter Inc.

  OMF63_18 Datasheet HTML 1Page - Schurter Inc. OMF63_18 Datasheet HTML 2Page - Schurter Inc. OMF63_18 Datasheet HTML 3Page - Schurter Inc. OMF63_18 Datasheet HTML 4Page - Schurter Inc. OMF63_18 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Fuses
OMF 63
https://www.schurter.com /PG01_2
Fuses
Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
Exemplary part photo depending on
part no.
OMF 63
See below:
Approvals and Compliances
UL 248-14 · 63VAC · 63VDC · Quick-Acting F
Description
- Directly solderable on printed circuit boards
References
Packaging Details
Corresponding Fuseholder OMH 125
Assembled Fuseholder OMK 63
Fuse Kit Fuse Kit OMF
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
63 VAC, 63 VDC
Rated current
0.063 - 10 A
Breaking Capacity
50 A
Characteristic
Quick-Acting F
Mounting
PCB,SMT
Admissible Ambient Air Temp. -40 °C to 125 °C
Climatic Category
40/85/21 acc. to IEC 60068-1
Material: Housing
Thermoplastic, UL 94V-0
Material: Terminals
Tin-Plated Copper Alloy
Unit Weight
0.1 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Approvals
Soldering Methods
Reflow, Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat
260 +0/-5 °C / 40 sec acc. to IPC/JE-
DEC J-STD-020D, Level 1
Current Carrying Capacity
acc. to EIA/IS-722, Test 4.3.3
Terminal Strength
MIL-STD-202, Method 211A
(Deflection of board 1 mm for 1 minute)
Case Resistance
acc. to EIA/IS-722, Test 4.7
>100 M
Ω (between leeds and body)
Mechanical Shock
MIL-STD-202, Method 213B
(Shock 50g, half sine wave, 11 ms)
Vibration, High Frequency
MIL-STD-202, Method 204D
Shock 20 gn, 20 min, 10-2 kHz, 12 cyc.
Flammability
min. UL 94V-1
(acc. to EIA/IS-722, Test 4.12)
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: OMF 63
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E41599
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
UL 248-14
Low voltage fuses - Part 14: Additional fuses
Designed according to
CSA22.2 No. 248.14
Low-Voltage Fuses - Part 14: Supplemental Fuses


Podobny numer części - OMF63_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V02 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
More results

Podobny opis - OMF63_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF SCHURTER-OMF Datasheet
462Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V02 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
OMK63 SCHURTER-OMK63 Datasheet
290Kb / 2P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMK63 SCHURTER-OMK63_V01 Datasheet
234Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
OMK63 SCHURTER-OMK63_V02 Datasheet
296Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
OMK63 SCHURTER-OMK63_16 Datasheet
183Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125_V01 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com