Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CMS-160925-078X Arkusz danych(PDF) 1 Page - CUI INC

Numer części CMS-160925-078X
Szczegółowy opis  SPEAKER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CUI [CUI INC]
Strona internetowa  http://www.cui.com
Logo CUI - CUI INC

CMS-160925-078X Arkusz danych(HTML) 1 Page - CUI INC

  CMS-160925-078X Datasheet HTML 1Page - CUI INC CMS-160925-078X Datasheet HTML 2Page - CUI INC CMS-160925-078X Datasheet HTML 3Page - CUI INC CMS-160925-078X Datasheet HTML 4Page - CUI INC CMS-160925-078X Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 03/23/2018
page 1 of 5
cui.com
SERIES: CMS-160925-078X
│ DESCRIPTION: SPEAKER
FEATURES
• micro-speaker
• 8 Ω impedance
• rated 0.7 W
• 3 available contact methods
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
max power: as per IEC-268-5, in 1 cc box
0.7
1.0
W
impedance
at 2.0 kHz, 2.37 Vrms
6.8
8
9.2
coil resistance
6.48
7.2
7.92
resonant frequency (Fo)
at 1.0 Vrms in free air, 10 cm
at 2.37 Vrms, in 1 cc box, 10 cm
440
680
550
850
660
1,020
Hz
Hz
frequency response
100
20,000
Hz
sound pressure level
at 0.7 W, 10 cm, avg 0.8, 1.0, 1.5, 2.0 kHz, 1 cc
box
87
90
93
dB
distortion
at 800~1,200 Hz, 2.37 Vrms, 10 cm
at 1,201~5,000 Hz, 2.37 Vrms, 10 cm
15
10
%
%
buzz, rattle, etc.
must be normal at sine wave, 0.2~2 kHz, 1 cc box
2.37
Vrms
polarity
cone moves forward w/ positive dc current to “+” terminal
dimensions
16 x 9 x 2.5
mm
magnet
Nd-Fe-B
cone material
mylar
weight
1.3
g
operating temperature
-20
70
°C
storage temperature
-40
85
°C
hand soldering
for maximum 3 seconds (N/A for spring contacts)
380
°C
RoHS
2011/65/EU
Notes:
1. All specifications measured at 15~35°C, humidity at 25~75%, under 86~106 kPa pressure, unless otherwise noted.
PART NUMBER KEY
Base Number
Termination Options:
S = spring contacts
SP = solder pads
L100 = wire leads
CMS-160925-078 XX
For more information, please visit the product page.


Podobny numer części - CMS-160925-078X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
CMS-160925-078X CUI-CMS-160925-078X Datasheet
513Kb / 6P
   SPEAKER
10/23/2020
logo
CUI Devices
CMS-160925-078X CUID-CMS-160925-078X Datasheet
503Kb / 6P
   SPEAKER
08/05/2022
logo
CUI INC
CMS-160925-078X-67 CUI-CMS-160925-078X-67 Datasheet
431Kb / 5P
   SPEAKER
logo
CUI Devices
CMS-160925-078X-67 CUID-CMS-160925-078X-67 Datasheet
543Kb / 6P
   SPEAKER
08/05/2022
logo
CUI INC
CMS-160925-078X CUI-CMS-160925-078X_V01 Datasheet
513Kb / 6P
   SPEAKER
10/23/2020
More results

Podobny opis - CMS-160925-078X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
   Loud Speaker & Notebook Speaker
logo
Projects Unlimited, Inc...
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
   Speaker
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
   Speaker
AS03608MR-4-R PUI-AS03608MR-4-R Datasheet
284Kb / 1P
   Speaker
AS04008PO-2-R PUI-AS04008PO-2-R Datasheet
283Kb / 1P
   Speaker
AS04008PO-R PUI-AS04008PO-R Datasheet
256Kb / 1P
   Speaker
AS04008PS-2-R PUI-AS04008PS-2-R Datasheet
311Kb / 1P
   Speaker
AS04008PS-4W-WR-R PUI-AS04008PS-4W-WR-R Datasheet
300Kb / 1P
   Speaker
AS07108PO-R PUI-AS07108PO-R Datasheet
330Kb / 1P
   Speaker
AS09008PO-2-R PUI-AS09008PO-2-R Datasheet
313Kb / 1P
   Speaker
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
   Speaker
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com