Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE91135 Arkusz danych(PDF) 2 Page - Pasternack Enterprises, Inc.

Numer części PE91135
Szczegółowy opis  SMA Male to SMA Male Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91135 Arkusz danych(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91135 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91135 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91135 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91135 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
.
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Polarity
Standard
Standard
Interface Specification
MIL-STD-348
MIL-STD-348
Hex Size
5/16 in.
5/16 in.
Mating Torque
7 to 10 in-lbs [0.79 to 1.13 Nm]
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
SMA Male
SMA Male
Contact
Brass
Gold
Brass
Gold
100 µ-in minimum
100 µ-in minimum
Insulation
PTFE
PTFE
Body
Passivated Stainless Steel
Passivated Stainless Steel
Gasket
Silicone
Silicone
Coupling Nut
Passivated Stainless Steel
Passivated Stainless Steel
. .
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE91135 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Adapter PE91135
SMA Male to SMA Male Adapter
RF Adapters Technical Data Sheet
PE91135


Podobny numer części - PE91135

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE9113 PASTERNACK-PE9113 Datasheet
74Kb / 1P
   UHF MALE TO MALE
PE91134 PASTERNACK-PE91134 Datasheet
237Kb / 3P
   N Male to 7 - 16 DIN Female Adapter
PE91136 PASTERNACK-PE91136 Datasheet
368Kb / 3P
   Maximum Insertion Loss
PE91137 PASTERNACK-PE91137 Datasheet
345Kb / 3P
   Inner Conductor Material and Plating
PE91138 PASTERNACK-PE91138 Datasheet
373Kb / 3P
   Maximum Insertion Loss
More results

Podobny opis - PE91135

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
   SMA Male to SMA Male Adapter
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
   Precision SMA Male to SMA Male Adapter
logo
List of Unclassifed Man...
5390 ETC2-5390 Datasheet
102Kb / 1P
   SMA MALE TO SMA MALE STRAIGHT ADAPTER
logo
Pomona Electronics
4283 POMONA-4283 Datasheet
18Kb / 1P
   Adapter, SMA, Male to Male
logo
Pasternack Enterprises,...
PE9418 PASTERNACK-PE9418 Datasheet
249Kb / 3P
   SMA Male to SMA Male Right Angle Adapter
PE91259 PASTERNACK-PE91259 Datasheet
347Kb / 3P
   SMA Male to Reverse Polarity SMA Male Adapter
PE9642 PASTERNACK-PE9642 Datasheet
363Kb / 4P
   SMA Male to SMA Male Right Angle Adapter
PE9103 PASTERNACK-PE9103 Datasheet
253Kb / 3P
   SMA Male to SMA Female Adapter
logo
Mini-Circuits
SFR-SM50 MINI-SFR-SM50 Datasheet
186Kb / 2P
   Adapter SMA-Female to SMA-Male
logo
Pomona Electronics
4288 POMONA-4288 Datasheet
20Kb / 1P
   Adapter, SMA Male To BNC Male
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com