Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AB171 Arkusz danych(PDF) 5 Page - Lumileds Lighting Company

Numer części AB171
Szczegółowy opis  Assembly and Handling Information
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUMILEDS [Lumileds Lighting Company]
Strona internetowa  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB171 Arkusz danych(HTML) 5 Page - Lumileds Lighting Company

  AB171 Datasheet HTML 1Page - Lumileds Lighting Company AB171 Datasheet HTML 2Page - Lumileds Lighting Company AB171 Datasheet HTML 3Page - Lumileds Lighting Company AB171 Datasheet HTML 4Page - Lumileds Lighting Company AB171 Datasheet HTML 5Page - Lumileds Lighting Company AB171 Datasheet HTML 6Page - Lumileds Lighting Company AB171 Datasheet HTML 7Page - Lumileds Lighting Company AB171 Datasheet HTML 8Page - Lumileds Lighting Company AB171 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AB171 LUXEON SunPlus 35 Line for Horticulture Application Brief 20161110 ©2016 Lumileds Holding B.V. All rights reserved.
5
3. PCB Design Guidelines for the LUXEON Emitter
The LUXEON emitter is designed to be soldered onto a Printed Circuit Board (PCB). To ensure optimal operation, the PCB
should be designed to minimize the overall thermal resistance between the LED package and the heat sink.
3.1 PCB Footprint and Land Pattern
The recommended PCB footprint design for the LUXEON emitter is shown in Figure 2. In order to ensure proper heat
dissipation from the emitter electrodes to the PCB, it is best to extend the top copper layer of the PCB beyond the
perimeter of the LUXEON emitter by at least 3mm (see Section 4).
3.2 Surface Finishing
Lumileds recommends using a high temperature organic solderability preservative (OSP) or electroless nickel immersion
gold (ENIG) plating on the exposed copper pads.
3.3 Minimum Spacing
Lumileds recommends a minimum edge to edge spacing between LUXEON emitters of 0.5mm. Placing multiple LUXEON
emitters too close to each other may adversely impact the ability of the PCB to dissipate the heat from the emitters and
may cause accidental shorts between the metal stubs on the side of neighboring LUXEON emitters.
Figure 3. Top copper trace patterns showing the maximum (optimized and standard) and minimum top side metallization.
For the maximum copper design, one can optimize the copper trace pattern to take into account that the heat is mainly
dissipated from the cathode pad. There is no need to have large copper area around the anode.
4. Thermal Management
The overall thermal resistance between a LUXEON emitter and the heat sink is strongly affected by the design and material
of the PCB on which the emitter is soldered. On FR4 based PCB, the following general guidelines will yield optimum thermal
performance:
– thicker top copper layer, for e.g. 2 oz versus 1 oz copper
– at least 3mm of top copper layer extending outside the LED package. Table 1 shows the result of the thermal
resistance from junction to heat sink using two boards with different copper areas surrounding the LED package
(Figure 3)
– top copper trace pattern layout. Figure 3 shows the optimized max copper (optimized) layout versus standard max
copper (standard) layout. The former will yield lower board thermal resistance
Note that using double sided FR4 board will not yield noticeable improvement in the board thermal resistance.


Podobny numer części - AB171

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumileds Lighting Compa...
AB17 LUMILEDS-AB17 Datasheet
179Kb / 5P
   Benefits of Philips Lumileds Solid State Lighting Solutions vs. Conventional Lighting
AB170 LUMILEDS-AB170 Datasheet
3Mb / 21P
   Assembly and Handling Information
AB174 LUMILEDS-AB174 Datasheet
1Mb / 10P
   Assembly and Handling Information
AB178 LUMILEDS-AB178 Datasheet
1Mb / 12P
   Assembly and Handling Information
More results

Podobny opis - AB171

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumileds Lighting Compa...
AB198 LUMILEDS-AB198 Datasheet
4Mb / 29P
   Assembly and Handling Information
AB174 LUMILEDS-AB174 Datasheet
1Mb / 10P
   Assembly and Handling Information
AB156 LUMILEDS-AB156 Datasheet
3Mb / 19P
   Assembly and handling information
AB217 LUMILEDS-AB217 Datasheet
1Mb / 13P
   Assembly and Handling Information
AB178 LUMILEDS-AB178 Datasheet
1Mb / 12P
   Assembly and Handling Information
AB190 LUMILEDS-AB190 Datasheet
1Mb / 11P
   Assembly and Handling Information
AB32 LUMILEDS-AB32 Datasheet
5Mb / 38P
   Assembly and Handling Information
AB142 LUMILEDS-AB142 Datasheet
1Mb / 16P
   Assembly and handling information
AB105 LUMILEDS-AB105 Datasheet
1Mb / 14P
   Assembly and Handling Information
AB114 LUMILEDS-AB114 Datasheet
4Mb / 18P
   Assembly and Handling Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com