Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY7C1460KV25 Arkusz danych(PDF) 10 Page - Cypress Semiconductor

Numer części CY7C1460KV25
Szczegółowy opis  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV25 Arkusz danych(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1460KV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 13Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Document Number: 001-66679 Rev. *J
Page 10 of 32
CY7C1460KV25/CY7C1462KV25
CY7C1460KVE25/CY7C1462KVE25
Single Write Accesses
Write access are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, and (3) the write signal WE is
asserted LOW. The address presented to the address inputs is
loaded into the address register. The write signals are latched
into the control logic block.
On the subsequent clock rise the data lines are automatically
three-stated regardless of the state of the OE input signal. This
allows the external logic to present the data on DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1460KV25/CY7C1460KVE25
and DQa,b/DQPa,b for CY7C1462KV25/CY7C1462KVE25). In
addition,
the
address
for
the
subsequent
access
(read/write/deselect) is latched into the address register
(provided the appropriate control signals are asserted).
On the next clock rise the data presented to DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1460KV25/CY7C1460KVE25
and DQa,b/DQPa,b for CY7C1462KV25/CY7C1462KVE25) (or a
subset for byte write operations, see Write Cycle Description
table for details) inputs is latched into the device and the write is
complete.
The data written during the write operation is controlled by BW
(BWa,b,c,d for CY7C1460KV25/CY7C1460KVE25 and BWa,b for
CY7C1462KV25/CY7C1462KVE25)
signals.
The
CY7C1460KV25/CY7C1462KV25/CY7C1460KVE25/
CY7C1462KVE25 provides byte write capability that is described
in the Write Cycle Description table. Asserting the write enable
input (WE) with the selected byte write select (BW) input will
selectively write to only the desired bytes. Bytes not selected
during a byte write operation will remain unaltered. A
synchronous self-timed write mechanism has been provided to
simplify the write operations. Byte write capability has been
included in order to greatly simplify read/modify/write
sequences, which can be reduced to simple byte write
operations.
Because the CY7C1460KV25/CY7C1462KV25/
CY7C1460KVE25/CY7C1462KVE25 are common I/O devices,
data should not be driven into the device while the outputs are
active. The output enable (OE) can be deasserted HIGH before
presenting data to the DQ and DQP (DQa,b,c,d/DQPa,b,c,d for
CY7C1460KV25/CY7C1460KVE25
and
DQa,b/DQPa,b for
CY7C1462KV25/CY7C1462KVE25) inputs. Doing so will
three-state the output drivers. As a safety precaution, DQ and
DQP (DQa,b,c,d/DQPa,b,c,d for CY7C1460KV25/
CY7C1460KVE25 and DQa,b/DQPa,b for CY7C1462KV25/
CY7C1462KVE25) are automatically three-stated during the
data portion of a write cycle, regardless of the state of OE.
Burst Write Accesses
The CY7C1460KV25/CY7C1462KV25/CY7C1460KVE25/
CY7C1462KVE25 have an on-chip burst counter that allows the
user the ability to supply a single address and conduct up to four
WRITE operations without reasserting the address inputs.
ADV/LD must be driven LOW in order to load the initial address,
as described in the Single Write Accesses section above. When
ADV/LD is driven HIGH on the subsequent clock rise, the chip
enables (CE1, CE2, and CE3) and WE inputs are ignored and the
burst counter is incremented. The correct BW (BWa,b,c,d for
CY7C1460KV25/CY7C1460KVE25
and
BWa,b
for
CY7C1462KV25/CY7C1462KVE25) inputs must be driven in
each cycle of the burst write in order to write the correct bytes of
data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation “sleep” mode. Two clock
cycles are required to enter into or exit from this “sleep” mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected prior to entering the “sleep” mode. CE1, CE2,
and CE3, must remain inactive for the duration of tZZREC after the
ZZ input returns LOW.
On-Chip ECC
CY7C1460KVE25/CY7C1462KVE25 SRAMs include an on-chip
ECC algorithm that detects and corrects all single-bit memory
errors, including Soft Error Upset (SEU) events induced by
cosmic rays, alpha particles etc. The resulting Soft Error Rate
(SER) of these devices is anticipated to be <0.01 FITs/Mb a
4-order-of-magnitude improvement over comparable SRAMs
with no On-Chip ECC, which typically have an SER of
200 FITs/Mb or more. To protect the internal data, ECC parity bits
(invisible to the user) are used.
The
ECC
algorithm
does
not
correct
multi-bit
errors.However,Cypress SRAMs are architected in such a way
that a single SER event has a very low probability of causing a
multi-bit error across any data word. The extreme rarity of
multi-bit errors results in a SER of <0.01 FITs/Mb.


Podobny numer części - CY7C1460KV25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXC CYPRESS-CY7C1460KV33-167AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXI CYPRESS-CY7C1460KV33-167AXI Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167BZC CYPRESS-CY7C1460KV33-167BZC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-200AXC CYPRESS-CY7C1460KV33-200AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

Podobny opis - CY7C1460KV25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com