Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY7C1563XV18 Arkusz danych(PDF) 21 Page - Cypress Semiconductor

Numer części CY7C1563XV18
Szczegółowy opis  72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1563XV18 Arkusz danych(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C1563XV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1563XV18 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Document Number: 001-70205 Rev. *G
Page 21 of 29
CY7C1563XV18/CY7C1565XV18
IDD [25]
VDD Operating Supply
VDD = Max, IOUT= 0 mA,
f = fMAX = 1/tCYC
633 MHz (× 18)
1165
mA
(× 36)
1660
600 MHz (× 18)
1100
mA
(× 36)
1570
ISB1
Automatic Power down
Current
Max VDD,
Both Ports Deselected,
VIN  VIH or VIN  VIL,
f = fMAX = 1/tCYC,
Inputs Static
633 MHz (× 18)
1165
mA
(× 36)
1660
600 MHz (× 18)
1100
mA
(× 36)
1570
Electrical Characteristics (continued)
Over the Operating Range
DC Electrical Characteristics (continued)
Over the Operating Range
Parameter [22]
Description
Test Conditions
Min
Typ
Max
Unit
Note
25. The operation current is calculated with 50% read cycle and 50% write cycle.


Podobny numer części - CY7C1563XV18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1563XV18-600BZXC CYPRESS-CY7C1563XV18-600BZXC Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18-633BZXC CYPRESS-CY7C1563XV18-633BZXC Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Podobny opis - CY7C1563XV18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263KV18 CYPRESS-CY7C1263KV18_12 Datasheet
887Kb / 30P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1663KV18 CYPRESS-CY7C1663KV18 Datasheet
779Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1543KV18 CYPRESS-CY7C1543KV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com