Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY7C1618KV18 Arkusz danych(PDF) 27 Page - Cypress Semiconductor

Numer części CY7C1618KV18
Szczegółowy opis  144-Mbit DDR II SRAM Two-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1618KV18 Arkusz danych(HTML) 27 Page - Cypress Semiconductor

Back Button CY7C1618KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 26Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 27Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 28Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 29Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 30Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Document Number: 001-44274 Rev. *N
Page 27 of 32
CY7C1618KV18/CY7C1620KV18
Ordering Information
The following table contains only the parts that are currently available. If you do not see what you are looking for, contact your local
sales representative. For more information, visit the Cypress website at www.cypress.com and refer to the product summary page at
http://www.cypress.com/products.
Cypress maintains a worldwide network of offices, solution centers, manufacturer’s representatives and distributors. To find the office
closest to you, visit us at http://www.cypress.com/go/datasheet/offices.
Ordering Code Definitions
Speed
(MHz)
Ordering Code
Package
Diagram
Package Type
Operating
Range
250
CY7C1620KV18-250BZXC
51-85195 165-ball FBGA (15 × 17 × 1.4 mm) Pb-free
Commercial
300
CY7C1618KV18-300BZXC
51-85195 165-ball FBGA (15 × 17 × 1.4 mm) Pb-free
Commercial
333
CY7C1618KV18-333BZXC
51-85195 165-ball FBGA (15 × 17 × 1.4 mm) Pb-free
Commercial
CY7C1620KV18-333BZXI
Industrial
Temperature Grade: X = C or I
C = Commercial; I = Industrial
Pb-free
Package Type: BZ = 165-ball FBGA
Frequency Range: XXX = 300 MHz or 333 MHz or 250MHz
V18 = 1.8 V
Die Revision
Part Identifier: 16XX = 1618 or 1620
Technology Code: C = CMOS
Marketing Code: 7 = SRAM
Company ID: CY = Cypress
C
CY
16XX
V18 - XXX
X
BZ
X
K
7


Podobny numer części - CY7C1618KV18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1618KV18-300BZXC CYPRESS-CY7C1618KV18-300BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1618KV18-333BZXC CYPRESS-CY7C1618KV18-333BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
More results

Podobny opis - CY7C1618KV18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C161KV18 CYPRESS-CY7C161KV18 Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1623KV18 CYPRESS-CY7C1623KV18 Datasheet
773Kb / 28P
   144-Mbit DDR-II SIO SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1316KV18 CYPRESS-CY7C1316KV18 Datasheet
1,019Kb / 32P
   18-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com