Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1504-CKD Arkusz danych(PDF) 7 Page - Gennum Corporation

Numer części GS1504-CKD
Szczegółowy opis  HDTV Adaptive Equalizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1504-CKD Arkusz danych(HTML) 7 Page - Gennum Corporation

Back Button GS1504-CKD Datasheet HTML 3Page - Gennum Corporation GS1504-CKD Datasheet HTML 4Page - Gennum Corporation GS1504-CKD Datasheet HTML 5Page - Gennum Corporation GS1504-CKD Datasheet HTML 6Page - Gennum Corporation GS1504-CKD Datasheet HTML 7Page - Gennum Corporation GS1504-CKD Datasheet HTML 8Page - Gennum Corporation GS1504-CKD Datasheet HTML 9Page - Gennum Corporation GS1504-CKD Datasheet HTML 10Page - Gennum Corporation GS1504-CKD Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
522 - 05 - 02
7
Fig. 19 CLI Voltage vs. Belden 1694A Cable Length
Fig. 20 CLI Voltage vs. Belden 8281 Cable Length
DETAILED DESCRIPTION
The GS1504 is a high speed bipolar IC designed to
equalize HD serial digital data at a rate of 1.485Gb/s. The
device can typically equalize greater than 100 meters of
Belden 8281 cable or 150 meters of Belden 1694 cable.
Powered from a single +5V or -5V power supply, the device
consumes approximately 250mW of power
The HD serial data signal may be connected to the input
pins (SDI/SDI) in either a differential or single ended
configuration. AC coupling of the inputs is recommended,
as the SDI and SDI inputs are internally biased at
approximately 2.7 volts. The input signal passes through a
variable gain equalizing stage whose frequency response
closely matches the inverse cable loss characteristic. In
addition, the variation of the frequency response with
control voltage imitates the variation of the inverse cable
loss characteristic with cable length.
The edge energy of the equalized signal is monitored by a
detector
circuit
which
produces
an
error
signal
corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is
integrated by an internal AGC filter capacitor providing a
steady control voltage for the gain stage. As the frequency
response of the gain stage is automatically varied by the
application of negative feedback, the edge energy of the
equalized signal is kept at a constant level which is
representative of the original edge energy at the transmitter.
The equalized signal is also DC restored, effectively
restoring the logic threshold of the equalized signal to its
correct level independent of shifts due to AC coupling. The
digital output signals have a nominal voltage of 400mVpp
differential, or 200mVpp single ended when terminated with
50
Ω as shown in Figure 21.
Fig. 21 Typical Output Voltage Levels
CABLE LENGTH INDICATION/CARRIER DETECT/MUTE
The GS1504 incorporates a versatile analog cable length
indicator (CLI) output and a programmable threshold output
mute (MCLADJ). In addition, a multi-function CD/MUTE pin
allows control of the GS1504 MUTE functionality.
The voltage output of CLI pin is an approximation of the
amount of cable present at the GS1504 input. The CLI
voltage versus cable length (signal strength) is shown in
Figures 19 and 20. With 0m of cable (800mV input signal
levels), the CLI output voltage is approximately 3.3V. As the
cable
length
increases,
the
CLI
voltage
decreases
providing an approximate correlation between the CLI
voltage and cable length.
In applications where there are multiple input channels
using
the
GS1504,
it
is
advantageous
to
have
a
programmable mute output.
The output of the GS1504 can be muted when the input
signal decreases below a preselected input level. The
voltage applied to the MCLADJ pin vs input cable length is
shown in Figure 12. The MCLADJ pin may be left
unconnected for applications where output muting is not
required. This feature has been designed for use in
applications such as routers where signal crosstalk and
circuit noise cause the equalizer to output erroneous data
when no input signal is present. The use of a Carrier Detect
function with a fixed internal reference does not solve this
problem since the signal to noise ratio on the circuit board
3.5
3
2.5
2
1.5
1
0.5
0
0
50
100
150
200
CABLE LENGTH (m)
3.5
3
2.5
2
1.5
1
0.5
0
0
50
100
150
CABLE LENGTH (m)
50
50
SDO
SDO
+100mV
-100mV
VCM = 4.0V
typical
+100mV
-100mV
VCM = 4.0V
typical


Podobny numer części - GS1504-CKD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1504-CKD GENNUM-GS1504-CKD Datasheet
379Kb / 13P
   HDTV Adaptive Equalizer
GS1504-CKDE3 GENNUM-GS1504-CKDE3 Datasheet
379Kb / 13P
   HDTV Adaptive Equalizer
More results

Podobny opis - GS1504-CKD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1504 GENNUM-GS1504_04 Datasheet
379Kb / 13P
   HDTV Adaptive Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com