Zakładka z wyszukiwarką danych komponentów |
|
ST110S12P1 Arkusz danych(PDF) 2 Page - International Rectifier |
|
ST110S12P1 Arkusz danych(HTML) 2 Page - International Rectifier |
2 / 8 page ST110S Series 2 www.irf.com Bulletin I25167 rev. C 03/03 ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage V DRM /V RRM , max. repetitive V RSM , maximum non- I DRM /I RRM max. Type number Code peak and off-state voltage repetitive peak voltage @ T J = T J max VV mA 04 400 500 ST110S 08 800 900 20 12 1200 1300 16 1600 1700 I T(AV) Max. average on-state current 110 A 180° conduction, half sine wave @ Case temperature 90 °C I T(RMS) Max. RMS on-state current 175 A DC @ 85°C case temperature I TSM Max. peak, one-cycle 2700 t = 10ms No voltage non-repetitive surge current 2830 t = 8.3ms reapplied 2270 t = 10ms 100% V RRM 2380 t = 8.3ms reapplied Sinusoidal half wave, I 2t Maximum I 2t for fusing 36.4 t = 10ms No voltage Initial T J = T J max. 33.2 t = 8.3ms reapplied 25.8 t = 10ms 100% V RRM 23.5 t = 8.3ms reapplied I 2 √t Maximum I 2 √t for fusing 364 KA 2 √s t = 0.1 to 10ms, no voltage reapplied V T(TO)1 Low level value of threshold voltage V T(TO) 2 High level value of threshold voltage r t1 Low level value of on-state slope resistance r t2 High level value of on-state slope resistance V TM Max. on-state voltage 1.52 V I pk = 350A, T J = T J max, t p = 10ms sine pulse I H Maximum holding current 600 I L Typical latching current 1000 0.90 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 1.79 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 1.81 (I > π x I T(AV) ),T J = T J max. Parameter ST110S Units Conditions 0.92 (I > π x I T(AV) ),T J = T J max. On-state Conduction KA 2s V m Ω mA T J = 25°C, anode supply 12V resistive load A di/dt Max. non-repetitive rate of rise Gate drive 20V, 20 Ω, t r ≤ 1µs of turned-on current T J = T J max, anode voltage ≤ 80% V DRM Gate current 1A, di g /dt = 1A/µs V d = 0.67% V DRM , T J = 25°C I TM = 100A, T J = T J max, di/dt = 10A/µs, V R = 50V dv/dt = 20V/µs, Gate 0V 100 Ω, t p = 500µs Parameter ST110S Units Conditions t d Typical delay time 2.0 Switching t q Typical turn-off time 100 µs 500 A/µs |
Podobny numer części - ST110S12P1 |
|
Podobny opis - ST110S12P1 |