Zakładka z wyszukiwarką danych komponentów |
|
ST180C04C3 Arkusz danych(PDF) 2 Page - International Rectifier |
|
ST180C04C3 Arkusz danych(HTML) 2 Page - International Rectifier |
2 / 7 page ST180C..C Series 2 Bulletin I25164 rev. C 02/00 www.irf.com ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage V DRM /V RRM , max. repetitive V RSM , maximum non- I DRM /I RRM max. Type number Code peak and off-state voltage repetitive peak voltage @ T J = T J max VV mA 04 400 500 08 800 900 12 1200 1300 16 1600 1700 18 1800 1900 20 2000 2100 ST180C..C 30 I T(AV) Max. average on-state current 350 (140) A 180° conduction, half sine wave @ Heatsink temperature 55 (85) °C double side (single side) cooled I T(RMS) Max. RMS on-state current 660 @ 25°C heatsink temperature double side cooled I TSM Max. peak, one-cycle 5000 t = 10ms No voltage non-repetitive surge current 5230 A t = 8.3ms reapplied 4200 t = 10ms 100% V RRM 4400 t = 8.3ms reapplied Sinusoidal half wave, I 2t Maximum I 2t for fusing 125 t = 10ms No voltage Initial T J = TJ max. 114 t = 8.3ms reapplied 88 t = 10ms 100% V RRM 81 t = 8.3ms reapplied I 2√t Maximum I 2√t for fusing 1250 KA 2√s t = 0.1 to 10ms, no voltage reapplied V T(TO)1 Low level value of threshold voltage V T(TO)2 High level value of threshold voltage r t1 Low level value of on-state slope resistance r t2 High level value of on-state slope resistance V TM Max. on-state voltage 1.96 V I pk = 750A, T J = T J max, t p = 10ms sine pulse I H Maximum holding current 600 I L Max. (typical) latching current 1000 (300) 1.08 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 1.18 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 1.14 (I > π x I T(AV) ),T J = T J max. Parameter ST180C..C Units Conditions 1.14 (I > π x I T(AV) ),T J = T J max. On-state Conduction KA 2s V m Ω mA T J = T J max, anode supply 12V resistive load |
Podobny numer części - ST180C04C3 |
|
Podobny opis - ST180C04C3 |