Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE53T Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLPGE53T
Szczegółowy opis  TOSHIBA InGaALP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGE53T Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLPGE53T Datasheet HTML 1Page - Toshiba Semiconductor TLPGE53T Datasheet HTML 2Page - Toshiba Semiconductor TLPGE53T Datasheet HTML 3Page - Toshiba Semiconductor TLPGE53T Datasheet HTML 4Page - Toshiba Semiconductor TLPGE53T Datasheet HTML 5Page - Toshiba Semiconductor TLPGE53T Datasheet HTML 6Page - Toshiba Semiconductor TLPGE53T Datasheet HTML 7Page - Toshiba Semiconductor TLPGE53T Datasheet HTML 8Page - Toshiba Semiconductor TLPGE53T Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)53T
2002-01-17
2
Maximum Ratings (Ta
==== 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRE53T
50
4
120
TLRME53T
50
4
120
TLSE53T
50
4
120
TLOE53T
50
4
120
TLYE53T
50
4
120
TLPYE53T
50
4
120
TLGE53T
50
4
120
TLFGE53T
50
4
120
TLPGE53T
50
4
120
-40~100
-40~120
Electrical and Optical Characteristics (Ta
==== 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
ld
lP
Dl
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRE53T
630
(644)
20
20
153
400
20
1.9
2.4
20
50
4
TLRME53T
626
(636)
23
20
272
600
20
1.9
2.4
20
50
4
TLSE53T
613
(623)
20
20
272
800
20
1.9
2.4
20
50
4
TLOE53T
605
(612)
20
20
272
1000
20
2.0
2.4
20
50
4
TLYE53T
587
(590)
17
20
272
800
20
2.0
2.4
20
50
4
TLPYE53T
580
(583)
14
20
153
450
20
2.0
2.4
20
50
4
TLGE53T
571
(574)
17
20
153
400
20
2.0
2.4
20
50
4
TLFGE53T
565
(568)
15
20
85
200
20
2.0
2.4
20
50
4
TLPGE53T
558
(562)
14
20
47.6
130
20
2.1
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
mA
V
Precautions
Please be careful of the following:
· Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 2 mm from the body of the device)
· If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Podobny numer części - TLPGE53T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE53T TOSHIBA-TLPGE53T Datasheet
284Kb / 12P
   Panel Circuit Indicators
TLPGE53TF TOSHIBA-TLPGE53TF Datasheet
284Kb / 12P
   Panel Circuit Indicators
More results

Podobny opis - TLPGE53T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLGE23TP TOSHIBA-TLGE23TP Datasheet
178Kb / 7P
   TOSHIBA InGaALP LED
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
TLSU180P TOSHIBA-TLSU180P Datasheet
142Kb / 6P
   TOSHIBA InGaALP LED
TLGU53C TOSHIBA-TLGU53C Datasheet
184Kb / 9P
   TOSHIBA InGaAlP LED
TLOU262 TOSHIBA-TLOU262 Datasheet
164Kb / 6P
   TOSHIBA InGaALP LED
TLSU160 TOSHIBA-TLSU160 Datasheet
144Kb / 6P
   TOSHIBA InGaALP LED
TLSU124 TOSHIBA-TLSU124 Datasheet
255Kb / 6P
   TOSHIBA INGAALP LED
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLYH190P TOSHIBA-TLYH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Yellow Light Emission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com