Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST180C08C1L Arkusz danych(PDF) 5 Page - International Rectifier

Numer części ST180C08C1L
Szczegółowy opis  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST180C08C1L Arkusz danych(HTML) 5 Page - International Rectifier

  ST180C08C1L Datasheet HTML 1Page - International Rectifier ST180C08C1L Datasheet HTML 2Page - International Rectifier ST180C08C1L Datasheet HTML 3Page - International Rectifier ST180C08C1L Datasheet HTML 4Page - International Rectifier ST180C08C1L Datasheet HTML 5Page - International Rectifier ST180C08C1L Datasheet HTML 6Page - International Rectifier ST180C08C1L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST180C..C Series
5
Bulletin I25164 rev. C 02/00
www.irf.com
Outline Table
Case Style TO-200AB (A-PUK)
All dimensions in millimeters (inches)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
DIA. MAX.
4.75 (0.19)
28 (1.10)
6.5 (0.26)
19 (0.75)
0.3 (0.01) MIN.
0.3 (0.01) MIN.
13.7 / 14.4
(0.54 / 0.57)
25°± 5°
GATE TERM. FOR
1.47 (0.06) DIA.
PIN RECEPTACLE
ANODE TO GATE
CREEPAGE DISTANCE: 7.62 (0.30) MIN.
STRIKE DISTANCE: 7.12 (0.28) MIN.
19 (0.75)
DIA. MAX.
38 (1.50) DIA MAX.
2 HOLES 3.56 (0.14) x
1.83 (0.07) MIN. DEEP
42 (1.65) MAX.
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)
40
50
60
70
80
90
100
110
120
130
0
50
100
150
200
250
30˚
60˚
90˚
120˚
180˚
Conduction Angle
ST180C..C Series
(Single Side Cooled)
R
(DC) = 0.17 K/W
thJ-hs
AverageOn-stateCurrent(A)
AverageOn-stateCurrent(A)
20
30
40
50
60
70
80
90
100
110
120
130
0
100
200
300
400
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
ST180C..C Series
(Single Side Cooled)
R
(DC) = 0.17 K/W
thJ-hs


Podobny numer części - ST180C08C1L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST180C20C0LPBF VISHAY-ST180C20C0LPBF Datasheet
115Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 350 A
Revision: 11-Aug-08
ST180C20C0PBF VISHAY-ST180C20C0PBF Datasheet
115Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 350 A
Revision: 11-Aug-08
ST180C20C1LPBF VISHAY-ST180C20C1LPBF Datasheet
115Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 350 A
Revision: 11-Aug-08
ST180C20C1PBF VISHAY-ST180C20C1PBF Datasheet
115Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 350 A
Revision: 11-Aug-08
More results

Podobny opis - ST180C08C1L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com