Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT3G14 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74AHCT3G14
Szczegółowy opis  Inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT3G14 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT3G14 Datasheet HTML 4Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 5Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 9Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 10Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 11Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2004 Oct 18
8
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
Type 74AHCT3G14
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb =25 °C
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −50 µA
4.5
4.4
4.5
V
IO = −8.0 mA
4.5
3.94
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =50 µA
4.5
0
0.1
V
IO = 8.0 mA
4.5
−−
0.36
V
ILI
input leakage current
VI =VIH or VIL
5.5
−−
0.1
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 A
5.5
−−
1.0
µA
∆ICC
additional quiescent supply
current per input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0A
5.5
−−
1.35
mA
CI
input capacitance
−−
1.5
10
pF
Tamb = −40 °C to +85 °C
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −50 µA
4.5
4.4
−−
V
IO = −8.0 mA
4.5
3.8
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =50 µA
4.5
−−
0.1
V
IO = 8.0 mA
4.5
−−
0.44
V
ILI
input leakage current
VI =VIH or VIL
5.5
−−
1.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 A
5.5
−−
10
µA
∆ICC
additional quiescent supply
current per input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0A
5.5
−−
1.5
mA
CI
input capacitance
−−
10
pF
Tamb = −40 °C to +125 °C
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −50 µA
4.5
4.4
−−
V
IO = −8.0 mA
4.5
3.70
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =50 µA
4.5
−−
0.1
V
IO = 8.0 mA
4.5
−−
0.55
V
ILI
input leakage current
VI =VIH or VIL
5.5
−−
2.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 A
5.5
−−
40
µA
∆ICC
additional quiescent supply
current per input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0A
5.5
−−
1.5
mA
CI
input capacitance
−−
10
pF


Podobny numer części - 74AHCT3G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT3G14 NXP-74AHCT3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
74AHCT3G14-Q100 NEXPERIA-74AHCT3G14-Q100 Datasheet
257Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT3G14DC NXP-74AHCT3G14DC Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AHCT3G14DC NEXPERIA-74AHCT3G14DC Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
More results

Podobny opis - 74AHCT3G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com