Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AA3528 Arkusz danych(PDF) 6 Page - Kingbright Corporation

Numer części AA3528
Szczegółowy opis  3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528 Arkusz danych(HTML) 6 Page - Kingbright Corporation

  AA3528 Datasheet HTML 1Page - Kingbright Corporation AA3528 Datasheet HTML 2Page - Kingbright Corporation AA3528 Datasheet HTML 3Page - Kingbright Corporation AA3528 Datasheet HTML 4Page - Kingbright Corporation AA3528 Datasheet HTML 5Page - Kingbright Corporation AA3528 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AA3528-6
AA3528 SERIES Tape Specifications
(Units : mm)


Podobny numer części - AA3528

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
AA3528ACGCK KINGBRIGHT-AA3528ACGCK Datasheet
289Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AEC KINGBRIGHT-AA3528AEC Datasheet
277Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AF3C KINGBRIGHT-AA3528AF3C Datasheet
292Kb / 5P
   3.5x2.8 mm INFRARED EMITTING DIODE
AA3528AMGC KINGBRIGHT-AA3528AMGC Datasheet
289Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AP3C KINGBRIGHT-AA3528AP3C Datasheet
203Kb / 4P
   3.5x2.8mm PHOTOTRANSISTOR
More results

Podobny opis - AA3528

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
KAA-3528 KINGBRIGHT-KAA-3528 Datasheet
135Kb / 5P
   3.5 X 2.8 MM SURFACE MOUNT LED LAMP
AA3528LVBS-D KINGBRIGHT-AA3528LVBS-D Datasheet
317Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
AA3528VRBXS-A-SC-AMT KINGBRIGHT-AA3528VRBXS-A-SC-AMT Datasheet
333Kb / 6P
   3.5 x 2.8 mm Surface Mount LED Lamp
AAA3528QWDSURKS KINGBRIGHT-AAA3528QWDSURKS Datasheet
309Kb / 5P
   3.5 x 2.8 mm Surface Mount LED Lamp
AA3528VRVFS-A KINGBRIGHT-AA3528VRVFS-A Datasheet
328Kb / 5P
   3.5 x 2.8 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AAA3528LSEKJ3ZGKQBKS TO-GRACE-AAA3528LSEKJ3ZGKQBKS Datasheet
1Mb / 5P
   3.5 x 2.8 mm Surface Mount LED Lamp
AAA3528QWDSURKS TO-GRACE-AAA3528QWDSURKS Datasheet
956Kb / 5P
   3.5 x 2.8 mm Surface Mount LED Lamp
AAA3528QWDSYKS-AMT TO-GRACE-AAA3528QWDSYKS-AMT Datasheet
1Mb / 6P
   3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SYCKT-AMT TO-GRACE-AA3528SYCKT-AMT Datasheet
979Kb / 5P
   3.5 x 2.8 mm Surface Mount LED Lamp
AA3528VR41S-W2 TO-GRACE-AA3528VR41S-W2 Datasheet
852Kb / 5P
   3.5 x 2.8 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com