Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST330C12C0 Arkusz danych(PDF) 8 Page - International Rectifier

Numer części ST330C12C0
Szczegółowy opis  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST330C12C0 Arkusz danych(HTML) 8 Page - International Rectifier

  ST330C12C0 Datasheet HTML 1Page - International Rectifier ST330C12C0 Datasheet HTML 2Page - International Rectifier ST330C12C0 Datasheet HTML 3Page - International Rectifier ST330C12C0 Datasheet HTML 4Page - International Rectifier ST330C12C0 Datasheet HTML 5Page - International Rectifier ST330C12C0 Datasheet HTML 6Page - International Rectifier ST330C12C0 Datasheet HTML 7Page - International Rectifier ST330C12C0 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ST330C..C Series
8
Bulletin I25155 rev. D 04/03
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 04 /03
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


Podobny numer części - ST330C12C0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST330C16C0LPBF VISHAY-ST330C16C0LPBF Datasheet
200Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 720 A
Revision: 11-Aug-08
ST330C16C0PBF VISHAY-ST330C16C0PBF Datasheet
200Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 720 A
Revision: 11-Aug-08
ST330C16C1LPBF VISHAY-ST330C16C1LPBF Datasheet
200Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 720 A
Revision: 11-Aug-08
ST330C16C1PBF VISHAY-ST330C16C1PBF Datasheet
200Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 720 A
Revision: 11-Aug-08
More results

Podobny opis - ST330C12C0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com