Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST380CH04C0 Arkusz danych(PDF) 2 Page - International Rectifier

Numer części ST380CH04C0
Szczegółowy opis  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST380CH04C0 Arkusz danych(HTML) 2 Page - International Rectifier

  ST380CH04C0 Datasheet HTML 1Page - International Rectifier ST380CH04C0 Datasheet HTML 2Page - International Rectifier ST380CH04C0 Datasheet HTML 3Page - International Rectifier ST380CH04C0 Datasheet HTML 4Page - International Rectifier ST380CH04C0 Datasheet HTML 5Page - International Rectifier ST380CH04C0 Datasheet HTML 6Page - International Rectifier ST380CH04C0 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST380CH..C Series
2
Bulletin I25169 rev. C 04/00
www.irf.com
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
DRM
/V
RRM
, max. repetitive
V
RSM
, maximum non-
I
DRM
/I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
J = TJ max
VV
mA
04
400
500
06
600
700
I
T(AV)
Max. average on-state current
960 (440)
A
180° conduction, half sine wave
@ Heatsink temperature
80 (110)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
2220
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one-cycle
12500
t = 10ms
No voltage
non-repetitive surge current
13000
A
t = 8.3ms
reapplied
10500
t = 10ms
100% V
RRM
11000
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2t
Maximum I
2t for fusing
782
t = 10ms
No voltage
Initial T
J = TJ max.
713
t = 8.3ms
reapplied
553
t = 10ms
100% V
RRM
505
t = 8.3ms
reapplied
I
2√t
Maximum I
2√t for fusing
7820
KA
2√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO) 1
Low level value of threshold
voltage
V
T(TO) 2
High level value of threshold
voltage
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. on-state voltage
1.58
V
I
pk
= 2900A, T
J
= T
J
max, t
p
= 10ms sine pulse
I
H
Maximum holding current
600
I
L
Typical latching current
1000
0.85
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
0.25
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
0.24
(I >
π x I
T(AV)
),T
J
= T
J
max.
Parameter
ST380CH..C
Units Conditions
0.88
(I >
π x I
T(AV)), TJ = TJ max.
On-state Conduction
KA
2s
V
m
mA
T
J = 25° C, anode supply 12V resistive load
di/dt
Max. non-repetitive rate of rise
Gate drive 20V, 20
Ω, t
r
1µs
of turned-on current
T
J
= T
J
max, anode voltage
≤ 80% V
DRM
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% V
DRM
, T
J
= 25°C
I
TM
= 550A, T
J
= T
J
max, di/dt = 40A/µs, V
R
= 50V
dv/dt = 20V/µs, Gate 0V 100
Ω, t
p
= 500µs
Parameter
ST380CH..C
Units Conditions
Switching
1000
A/µs
t
d
Typical delay time
1.0
t
q
Typical turn-off time
100
µs
ST380CH..C
100


Podobny numer części - ST380CH04C0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
ST380CH04C0L VISHAY-ST380CH04C0L Datasheet
212Kb / 9P
   Phase Control Thyristors
Revision: 11-Aug-08
logo
International Rectifier
ST380CH04C0LPBF IRF-ST380CH04C0LPBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
ST380CH04C0PBF IRF-ST380CH04C0PBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Podobny opis - ST380CH04C0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com