Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST380CH04C1 Arkusz danych(PDF) 6 Page - International Rectifier

Numer części ST380CH04C1
Szczegółowy opis  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST380CH04C1 Arkusz danych(HTML) 6 Page - International Rectifier

  ST380CH04C1 Datasheet HTML 1Page - International Rectifier ST380CH04C1 Datasheet HTML 2Page - International Rectifier ST380CH04C1 Datasheet HTML 3Page - International Rectifier ST380CH04C1 Datasheet HTML 4Page - International Rectifier ST380CH04C1 Datasheet HTML 5Page - International Rectifier ST380CH04C1 Datasheet HTML 6Page - International Rectifier ST380CH04C1 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ST380CH..C Series
6
Bulletin I25169 rev. C 04/00
www.irf.com
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5- On-state Power Loss Characteristics
Fig. 6- On-state Power Loss Characteristics
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
500
10 00
15 00
200 0
2 5 0 0
DC
30 °
60 °
90 °
120 °
180 °
A v e r a ge O n - sta te C ur re n t ( A )
Co nd uc tio n Pe riod
ST 38 0C H..C Se ries
( D ou b le Sid e C o ole d )
R
( D C ) = 0 .0 4 K / W
thJ -hs
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
4 00
80 0
1200
1600
30°
60 °
90°
120°
18 0°
Average O n-state Curren t (A)
Co nd uc tio n A ng le
ST380 CH..C Series
(Double Sid e Cooled)
R
(DC) = 0.04 K/W
th J- hs
0
50 0
100 0
150 0
200 0
250 0
0
4 00
80 0
1200
16 00
18 0 °
12 0 °
90 °
60 °
30 °
RM S L im it
Cond uc tio n Ang le
A v e ra g e O n - sta t e C u rre n t ( A )
ST3 8 0 C H ..C Se rie s
T = 1 5 0 °C
J
0
50 0
10 00
15 00
20 00
25 00
30 00
35 00
0
500
1 000
1 500
200 0
250 0
DC
180 °
120 °
90 °
60 °
30 °
RM S L im it
C o nd uc tion Pe riod
A v e ra g e O n - sta t e C u rre n t ( A )
S T 380C H ..C S e ries
T = 1 5 0 °C
J
5000
6000
7000
8000
9000
10000
11000
12000
11 0
1 00
Num b er O f Eq ua l A m p litu d e H a lf C ycle C urrent Puls es (N )
ST3 80CH..C Series
In itial T = 1 50°C
@ 6 0 Hz 0 .00 83 s
@ 5 0 Hz 0 .01 00 s
J
At Any Rated Load Condition An d W ith
Rated V
Applied Following Surge.
RR M
5000
6000
7000
8000
9000
10000
11000
12000
13000
0.01
0.1
1
Pu lse Tr a in D u ra t io n ( s)
V e rsu s P u lse T ra in D u ra tio n . C o n tr o l
In itia l T = 1 5 0 °C
N o V o lt ag e R e applie d
Ra t e d V
R e a p p lie d
RRM
J
ST 3 80C H ..C S e rie s
M a x im u m N o n R e p e titiv e Su r g e C ur re n t
O f C o n d u c tio n M a y N o t Be M a in ta in e d .


Podobny numer części - ST380CH04C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST380CH04C1LPBF IRF-ST380CH04C1LPBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
ST380CH04C1PBF IRF-ST380CH04C1PBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Podobny opis - ST380CH04C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com