Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2021B Arkusz danych(PDF) 9 Page - Tripath Technology Inc.

Numer części TA2021B
Szczegółowy opis  STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPATH [Tripath Technology Inc.]
Strona internetowa  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2021B Arkusz danych(HTML) 9 Page - Tripath Technology Inc.

Back Button TA2021B Datasheet HTML 4Page - Tripath Technology Inc. TA2021B Datasheet HTML 5Page - Tripath Technology Inc. TA2021B Datasheet HTML 6Page - Tripath Technology Inc. TA2021B Datasheet HTML 7Page - Tripath Technology Inc. TA2021B Datasheet HTML 8Page - Tripath Technology Inc. TA2021B Datasheet HTML 9Page - Tripath Technology Inc. TA2021B Datasheet HTML 10Page - Tripath Technology Inc. TA2021B Datasheet HTML 11Page - Tripath Technology Inc. TA2021B Datasheet HTML 12Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Tri p ath T echno l o g y, I n c. - Techn i cal I n f ormati on
9
TA2021B – 3.0/04.03
after the decoupling capacitors and use short returns to PGND1. These low side diodes, D1 and
D2, will prevent the outputs from going below ground. To be optimally effective they must have a
short and direct return path to its proper ground pin (PGND1) of the TA2021B. This can be
achieved with a ground plane or a trace. Additionally, each channel must use Schottky or Ultra
Fast Recovery diodes with short returns to VDD if the supply voltage exceeds 13.5V. These high
side diodes, D3 and D4, will prevent the outputs from going above VDD. To be optimally effective
they must have a short and direct return path to its proper VDD pin (VDD1) of the TA2021B. This
can be achieved with a ground plane or a trace.
The output inductors, L2 and L3, should be placed close to the TA2021B without compromising
the locations of the closely placed supply decoupling capacitors and output diodes. The purpose
of placing the output inductors close to the TA2021B output pins is to reduce the trace length of
the switching outputs. This will aid in reducing radiated emissions.
Please see the External Component Description section on page 6 for more details on the above-
mentioned components. The Application/ Test Circuit refers to the low side diodes as DO, The
high side diodes as DH, and both supply decoupling capacitors as CSW.
TA2021B Amplifier Gain
The gain of the TA2021B is set by the ratio of two external resistors, RI and RF, and is given by
the following formula:
I
F
I
O
R
R
12
V
V
=
where VI is the input signal level and VO is the differential output signal level across the speaker.
Please note that OUTP1 and OUTP2 are 180° out of phase with their corresponding input
signals.
20 watts of RMS output power results from an 8.944 Vrms signal across a four-ohm speaker load.
If RF = RI, then 20 Watts will be achieved with 0.745 Vrms of input signal.
)
W
20
4
(
)
P
R
(
V
944
.
8
O
L
RMS
=
=
Protection Circuits
The TA2021B is guarded against over-temperature and over-current conditions. When the
device goes into an over-temperature or over-current state, the FAULT pin goes to a logic HIGH
state indicating a fault condition. When this occurs, the amplifier is muted, all outputs are TRI-
STATED, and will float to 1/2 of VDD.
Over-temperature Protection
An over-temperature fault occurs if the junction temperature of the part exceeds approximately
155
°C. The thermal hysteresis of the part is approximately 45°C, therefore the fault will
automatically clear when the junction temperature drops below 110
°C.
Over-current Protection
An over-current fault occurs if more than approximately 7 amps of current flows from any of the
amplifier output pins. This can occur if the speaker wires are shorted together or if one side of
the speaker is shorted to ground. An over-current fault sets an internal latch that can only be
cleared if the MUTE pin is toggled or if the part is powered down. Alternately, if the MUTE pin is


Podobny numer części - TA2021B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021B TAI-SAW-TA2021B Datasheet
708Kb / 6P
   SAW Filter 869 MHz (BW 2MHz) SMD 3X3 mm
More results

Podobny opis - TA2021B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripath Technology Inc.
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
   CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com