Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST52T420G0M6 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części ST52T420G0M6
Szczegółowy opis  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T420G0M6 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button ST52T420G0M6 Datasheet HTML 3Page - STMicroelectronics ST52T420G0M6 Datasheet HTML 4Page - STMicroelectronics ST52T420G0M6 Datasheet HTML 5Page - STMicroelectronics ST52T420G0M6 Datasheet HTML 6Page - STMicroelectronics ST52T420G0M6 Datasheet HTML 7Page - STMicroelectronics ST52T420G0M6 Datasheet HTML 8Page - STMicroelectronics ST52T420G0M6 Datasheet HTML 9Page - STMicroelectronics ST52T420G0M6 Datasheet HTML 10Page - STMicroelectronics ST52T420G0M6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
ST52T410/T420/E420
7/84
1 GENERAL DESCRIPTION
1.1 Introduction
ST52T410/ST52x420 are 8-bit Intelligent Control
Units (ICU) of the ST Five Family, which can
perform both boolean and fuzzy algorithms in an
efficient manner, in order to reach the best
performances that the two methodologies allow.
S T 52 T 4 10/ ST 5 2 x420 a r e p r o duced b y
STMicro electron ics using the relia ble high
performance CMOS process, including integrated-
on-chip peripherals that allow maximization of
system reliability, decreasing system costs and
minimizing the number of external components.
The flexible I/O configuration of ST52x400/440
allows for an interface with a wide range of external
devices, like D/A converters or power control
devices.
ST52T410/ST52x420 pins are configurable,
allowing the user to set the input or output signals
on each single pin.
A hardware multiplier (8 bit by 8 bit with 16 bit
result) and a divider (16 bit over 8 bit with 8 bit
result and 8 bit remainder) are available to
implement complex functions by using a single
instruction. The program memory utilization and
computational speed is optimized.
Fuzzy Logic dedicated structures in ST52T410/
ST52x420 ICU’s can be exploited to model
complex systems with high accuracy in a useful
and easy way.
Fu zzy Exp e rt Syst em s f o r ove r all syst em
management and fuzzy Real time Controls can be
designed to increase performances at highly
competitive costs.
The linguistic approach characterizing Fuzzy Logic
is based on a set of IF-THEN rules, which describe
the control behavior, as well as on Membership
Functions, which are associated to input and
output variables.
Up to 334 Membership Functions, with triangular
and trapezoidal shapes, or singleton values are
available to describe fuzzy variables.
T h e T i m e r / PWM pe r i pher a l allow s t h e
management of power devices and timing signals,
implementing different operating modes and high
frequency PWM (Pulse With Modulation) controls.
Input Capture and Output Compare functions are
available on the TIMER.
The programmable Timer has a 16 bit Internal
Prescaler and an 8 bit Counter. It can use internal
or external Start/Stop signals and clock.
An internal programmable Watchdog is available
to avoid loop errors and to reset the ICU.
ST52x420 includes an 8-bit Analog to Digital
Converter with an 8-analog channel Multiplexer.
Single/Multiple channels and Single/Sequence
conversion modes are supported.
In order to optimize energy consumption, two
different power saving modes are available: Wait
mode and Halt mode.
Program Memory (EPROM/OTP) addressing
capability addresses up to 8 Kbytes of memory
locations to store both program instructions and
permanent data.
EPROM can be locked by the user to prevent
external undesired operations.
Operations may be performed on data stored in
RAM, allowing the direct combination of new input
and feedback data. All bytes of RAM are used like
Register File.
OTP (One Time Programmable) version devices
are fully compatible with the EPROM windowed
version, which may be used for prototyping and
pre-production phases of development.
A powerful development environment consisting of
a board and software tools allows an easy
configuration and use of ST52T410/ST52x420.
Th e VI SU AL FIVE TM s o f t wa re to ol al lo ws
development of projects through a user-friendly
graphical interface and optimization of generated
code.
1.2 Functional Description
ST52T410/ST52x420 ICUs can work in two
modes:
I Memory Programming Mode
I Working Mode
according to RESET and Vpp signals levels (see
pins description).
Note: When RESET=0 it is advisable not to use
the sequence “101010“ to port PA (7 : 2).
1.2.1 Memory Programming Mode.
The ST52T410/ST52x420 memory is loaded in the
Memory Programming Phase. All fuzzy and
standard instructions are written inside the
memory.
This phase starts by setting the control signals as
illustrated below:
RESET
TEST
VPP
Vss
Vss
12V/VDD


Podobny numer części - ST52T420G0M6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST52T420G0M6 STMICROELECTRONICS-ST52T420G0M6 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
More results

Podobny opis - ST52T420G0M6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST52T410 STMICROELECTRONICS-ST52T410 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52T430 STMICROELECTRONICS-ST52T430 Datasheet
1Mb / 88P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
ST52F510 STMICROELECTRONICS-ST52F510 Datasheet
1Mb / 106P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
ST52T400 STMICROELECTRONICS-ST52T400 Datasheet
1Mb / 94P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
   Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
logo
PADAUK Technology.
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
   12-bit ADC Enhanced 8-bit Controller
logo
STMicroelectronics
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
logo
List of Unclassifed Man...
JA32050 ETC-JA32050 Datasheet
305Kb / 19P
   8-Bit MCU,ADC,LCD Controller
logo
STMicroelectronics
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com