Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP1474S Arkusz danych(PDF) 16 Page - Monolithic Power Systems

Numer części MP1474S
Szczegółowy opis  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474S Arkusz danych(HTML) 16 Page - Monolithic Power Systems

Back Button MP1474S Datasheet HTML 11Page - Monolithic Power Systems MP1474S Datasheet HTML 12Page - Monolithic Power Systems MP1474S Datasheet HTML 13Page - Monolithic Power Systems MP1474S Datasheet HTML 14Page - Monolithic Power Systems MP1474S Datasheet HTML 15Page - Monolithic Power Systems MP1474S Datasheet HTML 16Page - Monolithic Power Systems MP1474S Datasheet HTML 17Page - Monolithic Power Systems MP1474S Datasheet HTML 18Page - Monolithic Power Systems MP1474S Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP1474S – HIGH-EFFICIENCY, 2A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1474S Rev.1.0
www.MonolithicPower.com
16
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PCB Layout Guidelines (9)
Efficient PCB layout is critical to achieve stable
operation, especially for the placement of the
VCC capacitor and input capacitor. For best
results, refer to Figure 9 and the guidelines
below:
1. Use large ground plane to connect directly
to GND. If the bottom layer is ground plane,
add vias near GND.
2. Place the VCC capacitor as close as
possible to VCC and GND. The trace
length of VCC to the VCC capacitor anode
to the VCC capacitor cathode to GND
should be as short as possible.
3. Place the ceramic input capacitor close to
IN and GND. Keep the connection between
the input capacitor and IN as short and
wide as possible.
4. Route SW and BST away from sensitive
analog areas (such as FB).
5. Place the T-type feedback resistor R6 close
to the chip to ensure the trace connected to
FB is as short as possible
Notes:
9)
The recommended layout is based on Figure 10 in the
“Typical Application circuit” section on page 17.
Top Layer
GND
SW
BST
GND
VOUT
EN/SYNC
VCC
Bottom Layer
Figure 9. Recommended PCB Layout
Design Example
Table 2 shows a design example following the
application guidelines for the specifications:
Table 2. Design Example
VIN
12V
VOUT
3.3V
IOUT
2A
The detailed application schematic is shown in
Figure 11. The typical performance and circuit
waveforms have been shown in the “Typical
Performance
Characteristics”
section.
For
additional device applications, please refer to
the related evaluation board datasheets.


Podobny numer części - MP1474S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP1474 MPS-MP1474 Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474DJ MPS-MP1474DJ Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Podobny opis - MP1474S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474 MPS-MP1474 Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com