Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP1605 Arkusz danych(PDF) 5 Page - Monolithic Power Systems

Numer części MP1605
Szczegółowy opis  2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1605 Arkusz danych(HTML) 5 Page - Monolithic Power Systems

  MP1605 Datasheet HTML 1Page - Monolithic Power Systems MP1605 Datasheet HTML 2Page - Monolithic Power Systems MP1605 Datasheet HTML 3Page - Monolithic Power Systems MP1605 Datasheet HTML 4Page - Monolithic Power Systems MP1605 Datasheet HTML 5Page - Monolithic Power Systems MP1605 Datasheet HTML 6Page - Monolithic Power Systems MP1605 Datasheet HTML 7Page - Monolithic Power Systems MP1605 Datasheet HTML 8Page - Monolithic Power Systems MP1605 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP1605
– 2A, SYNCHRONOUS, STEP-DOWN SWITCHER WITH 11µA IQ
MP1605 Rev. 1.0
www.MonolithicPower.com
5
6/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.2V, L = 1.0µH, TA = +25°C, unless otherwise noted.


Podobny numer części - MP1605

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
MP160 CTS-MP160 Datasheet
133Kb / 5P
   Quartz Crystal
logo
M-System Co.,Ltd.
MP1600-1623 MSYSTEM-MP1600-1623 Datasheet
87Kb / 4P
   AC INPUT LIMIT ALARM
MP1600-A1-FH MSYSTEM-MP1600-A1-FH Datasheet
87Kb / 4P
   AC INPUT LIMIT ALARM
MP1600-A1-FR MSYSTEM-MP1600-A1-FR Datasheet
87Kb / 4P
   AC INPUT LIMIT ALARM
MP1600-A1-FT MSYSTEM-MP1600-A1-FT Datasheet
87Kb / 4P
   AC INPUT LIMIT ALARM
More results

Podobny opis - MP1605

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
logo
Leshan Radio Company
LR8501 LRC-LR8501 Datasheet
825Kb / 11P
   1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
logo
Linear Technology
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LT8620 LINER-LT8620_15 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
logo
Monolithic Power System...
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
   36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4432 MPS-MP4432 Datasheet
1Mb / 29P
   36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4433 MPS-MP4433 Datasheet
1Mb / 29P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com