Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP2159A Arkusz danych(PDF) 10 Page - Monolithic Power Systems

Numer części MP2159A
Szczegółowy opis  1 A, 6 V, 1.5 MHz, Low IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2159A Arkusz danych(HTML) 10 Page - Monolithic Power Systems

Back Button MP2159A Datasheet HTML 6Page - Monolithic Power Systems MP2159A Datasheet HTML 7Page - Monolithic Power Systems MP2159A Datasheet HTML 8Page - Monolithic Power Systems MP2159A Datasheet HTML 9Page - Monolithic Power Systems MP2159A Datasheet HTML 10Page - Monolithic Power Systems MP2159A Datasheet HTML 11Page - Monolithic Power Systems MP2159A Datasheet HTML 12Page - Monolithic Power Systems MP2159A Datasheet HTML 13Page - Monolithic Power Systems MP2159A Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP2159A – 1 A, 6 V, 1.5 MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2159A Rev. 1.02
www.MonolithicPower.com
10
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Main
Switch
(PCH)
Synchronous
Rectifier
(NCH)
Constant
On -Time
Pulse
PWM
Bias
&
Voltage
Reference
0.6V
EN
FB
SW
COMP
+
-
VIN
+
+
-
FBCOMP
EN
Driver
PDRV
NDRV
Soft start
PGND
AGND
OUT
PWM
COMP
+
-
COMP
+
-
0.66V
0.54V
PG
Hi-Z
FB for
Fixed Output
VIN
E.A.
+
-
+
Ramp
Generator
COMP
+
-
VOUT
RST
SW
Lo-Iq
Lo-Iq
Lo-Iq
Lo-Iq
Lo-Iq
V
TH
Figure 1—Functional block diagram


Podobny numer części - MP2159A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2159GJ MPS-MP2159GJ Datasheet
448Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
More results

Podobny opis - MP2159A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP9159A MPS-MP9159A Datasheet
444Kb / 15P
   1 A, 6 V, 1.5 MHz, Low IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2161A MPS-MP2161A Datasheet
460Kb / 15P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
   1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
   2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
   2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
MP2319 MPS-MP2319 Datasheet
1Mb / 20P
   3A, 18V, 650kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
MP92265 MPS-MP92265 Datasheet
1Mb / 16P
   18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
MP2162A MPS-MP2162A Datasheet
533Kb / 17P
   2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com