Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCV8660B Arkusz danych(PDF) 12 Page - ON Semiconductor

Numer części NCV8660B
Szczegółowy opis  Very Low Iq LD0 150 mA Regulator Delay Time Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8660B Arkusz danych(HTML) 12 Page - ON Semiconductor

Back Button NCV8660B_18 Datasheet HTML 6Page - ON Semiconductor NCV8660B_18 Datasheet HTML 7Page - ON Semiconductor NCV8660B_18 Datasheet HTML 8Page - ON Semiconductor NCV8660B_18 Datasheet HTML 9Page - ON Semiconductor NCV8660B_18 Datasheet HTML 10Page - ON Semiconductor NCV8660B_18 Datasheet HTML 11Page - ON Semiconductor NCV8660B_18 Datasheet HTML 12Page - ON Semiconductor NCV8660B_18 Datasheet HTML 13Page - ON Semiconductor NCV8660B_18 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
NCV8660B
www.onsemi.com
12
ORDERING INFORMATION
Device
Output Voltage
Reset Delay Time,
DT to GND
Reset Delay Time,
DT to OUT
Package
Shipping
NCV86601BDT50RKG
5.0 V
8 ms
128 ms
DPAK
(Pb−Free)
2500 / Tape & Reel
NCV86602BDT50RKG
8 ms
32 ms
NCV86603BDT50RKG
16 ms
64 ms
NCV86604BDT50RKG
32 ms
128 ms
NCV86601BD50R2G
8 ms
128 ms
SOIC−8 FUSED
(Pb−Free)
2500 / Tape & Reel
NCV86602BD50R2G
8 ms
32 ms
NCV86603BD50R2G
16 ms
64 ms
NCV86604BD50R2G
32 ms
128 ms
NCV86601BDT33RKG
3.3 V
8 ms
128 ms
DPAK
(Pb−Free)
2500 / Tape & Reel
NCV86602BDT33RKG
8 ms
32 ms
NCV86603BDT33RKG
16 ms
64 ms
NCV86604BDT33RKG
32 ms
128 ms
NCV86601BD33R2G
8 ms
128 ms
SOIC−8 FUSED
(Pb−Free)
2500 / Tape & Reel
NCV86602BD33R2G
8 ms
32 ms
NCV86603BD33R2G
16 ms
64 ms
NCV86604BD33R2G
32 ms
128 ms
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Podobny numer części - NCV8660B_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
More results

Podobny opis - NCV8660B_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com