Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCV8660B Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części NCV8660B
Szczegółowy opis  Very Low Iq LD0 150 mA Regulator Delay Time Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8660B Arkusz danych(HTML) 2 Page - ON Semiconductor

  NCV8660B_18 Datasheet HTML 1Page - ON Semiconductor NCV8660B_18 Datasheet HTML 2Page - ON Semiconductor NCV8660B_18 Datasheet HTML 3Page - ON Semiconductor NCV8660B_18 Datasheet HTML 4Page - ON Semiconductor NCV8660B_18 Datasheet HTML 5Page - ON Semiconductor NCV8660B_18 Datasheet HTML 6Page - ON Semiconductor NCV8660B_18 Datasheet HTML 7Page - ON Semiconductor NCV8660B_18 Datasheet HTML 8Page - ON Semiconductor NCV8660B_18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCV8660B
www.onsemi.com
2
PIN DESCRIPTIONS
Pin
Symbol
Function
DPAK
SOIC−8
FUSED
1
1
IN
Input Supply Voltage. 0.1
mF bypass capacitor to GND at the IC.
2
2
RO
Reset Output. CMOS compatible output. Goes low when VOUT drops by more than 7%
from nominal.
3, Tab
5−8
GND
Ground
4
3
DT
Reset Delay Time Select. Short to GND or connect to OUT to select time.
5
4
OUT
Regulated Voltage Output. 2.2
mF to ground for typical applications.
Figure 2. Block Diagram
+
IN
DT
RO
OUT
Vref1
+
Vref2
GND
Current Limit
and Thermal
Shutdown
Timing
Circuit


Podobny numer części - NCV8660B_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
More results

Podobny opis - NCV8660B_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com