Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCV47821 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części NCV47821
Szczegółowy opis  Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47821 Arkusz danych(HTML) 4 Page - ON Semiconductor

  NCV47821_17 Datasheet HTML 1Page - ON Semiconductor NCV47821_17 Datasheet HTML 2Page - ON Semiconductor NCV47821_17 Datasheet HTML 3Page - ON Semiconductor NCV47821_17 Datasheet HTML 4Page - ON Semiconductor NCV47821_17 Datasheet HTML 5Page - ON Semiconductor NCV47821_17 Datasheet HTML 6Page - ON Semiconductor NCV47821_17 Datasheet HTML 7Page - ON Semiconductor NCV47821_17 Datasheet HTML 8Page - ON Semiconductor NCV47821_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCV47821
www.onsemi.com
4
Table 2. MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Input Voltage DC
Vin
−42
45
V
Input Voltage (Note 1)
Load Dump − Suppressed
Us*
60
V
Enable Input Voltage
VEN1,2
−42
45
V
ADJ Input Voltage
VADJ1,2
−0.3
10
V
CSO Voltage
VCSO1,2
−0.3
7
V
DE, CS and EF Voltages
VDE, VCS VEF
−0.3
7
V
Output Voltage
Vout1,2
−1
40
V
Junction Temperature
TJ
−40
150
°C
Storage Temperature
TSTG
−55
150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Load Dump Test B (with centralized load dump suppression) according to ISO16750−2 standard. Guaranteed by design. Not tested in
production. Passed Class C according to ISO16750−1.
Table 3. ESD CAPABILITY (Note 2)
Rating
Symbol
Min
Max
Unit
ESD Capability, Human Body Model
ESDHBM
−2
2
kV
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (JS−001−2010)
Field Induced Charge Device Model ESD characterization is not performed on plastic molded packages with body sizes < 50 mm2 due
to the inability of a small package body to acquire and retain enough charge to meet the minimum CDM discharge current waveform
characteristic defined in JEDEC JS−002−2014.
Table 4. LEAD SOLDERING TEMPERATURE AND MSL (Note 3)
Rating
Symbol
Min
Max
Unit
Moisture Sensitivity Level
MSL
1
3. For more information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
THERMAL CHARACTERISTICS (Note 4)
Rating
Symbol
Value
Unit
Thermal Characteristics (single layer PCB)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead (Note 5)
RθJA
RψJL
52
9.0
°C/W
Thermal Characteristics (4 layers PCB)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead (Note 5)
RθJA
RψJL
31
10
°C/W
4. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
5. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate. Single layer − according to JEDEC51.3,
4 layers − according to JEDEC51.7
Table 5. RECOMMENDED OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 6)
Vin
4.4
40
V
Nominal Output Voltages
Vout_nom1,2
3.3
20
V
Output Current Limit (Note 7)
ILIM1,2
10
300
mA
Junction Temperature
TJ
−40
150
°C
Current Sense Output (CSO) Capacitor
CCSO1,2
1
4.7
mF
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
6. Minimum Vin = 4.4 V or (Vout1,2 + 0.5 V), whichever is higher.
7. Corresponding RCSO1,2 is in range from 25.5 kW down to 850 W.


Podobny numer części - NCV47821_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47821PAAJR2G ONSEMI-NCV47821PAAJR2G Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
More results

Podobny opis - NCV47821_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47822 ONSEMI-NCV47822 Datasheet
155Kb / 14P
   Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
   High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47823 ONSEMI-NCV47823 Datasheet
133Kb / 15P
   Dual High Side Switch with Adjustable Constant Current and Diagnostic Features
December, 2017 ??Rev. 0
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com