Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT2801 Arkusz danych(PDF) 16 Page - Active-Semi, Inc

Numer części ACT2801
Szczegółowy opis  5V/1.5A Backup Battery Pack Manager
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Arkusz danych(HTML) 16 Page - Active-Semi, Inc

Back Button ACT2801_17 Datasheet HTML 12Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 13Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 14Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 15Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 16Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 17Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 18Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 19Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Rev 9, 14-Mar-17
Innovative PowerTM
- 16 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ACT2801/ACT2801B/ACT2801C
limits.
In a typical application, the TH pin is connected to
the battery pack's thermistor input as shown in
Figure 20. The ACT2801 injects a 60µA current out of
the TH pin into the thermistor, so that the thermistor
resistance is monitored by comparing the voltage at
TH to the internal VTHL and VTHH thresholds of 0.3V
and 1.5V, respectively. When VTH > VTHH or VTH < VTHL
charging and the charge timers are suspended. When
VTH returns to the normal range, charging and the
charge timers resume.
The threshold is given by:
60µA×RNOM×kHOT=0.3V→ RNOM×kHOT=5kΩ
60µA×RNOM×kCOLD=1.5V → RNOM×kCOLD= 25kΩ
where RNOM is the nominal thermistor resistance at
room temperature, and kHOT and kCOLD are the ratios
of the thermistor's resistance at the desired hot and
cold thresholds, respectively.
TH
VTHH
VTHL
60µA
Li+ Battery
Pack
+
NTC
+
-
+
-
Figure 20.
Battery thermal circuit


Podobny numer części - ACT2801_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
More results

Podobny opis - ACT2801_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com