Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT2861QI Arkusz danych(PDF) 60 Page - Active-Semi, Inc

Numer części ACT2861QI
Szczegółowy opis  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI Arkusz danych(HTML) 60 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 56Page - Active-Semi, Inc ACT2861QI Datasheet HTML 57Page - Active-Semi, Inc ACT2861QI Datasheet HTML 58Page - Active-Semi, Inc ACT2861QI Datasheet HTML 59Page - Active-Semi, Inc ACT2861QI Datasheet HTML 60Page - Active-Semi, Inc ACT2861QI Datasheet HTML 61Page - Active-Semi, Inc ACT2861QI Datasheet HTML 62Page - Active-Semi, Inc ACT2861QI Datasheet HTML 63Page - Active-Semi, Inc ACT2861QI Datasheet HTML 64Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
60
I2C REGISTERS
The register map section provides a basic understanding of the ACT2861 registers. Note that the default values refer-
ence the CMI 201 settings.
Register
Register Name
Type
R/W
Description
Default
0x00
Master Control 1
VM
R/W
Configure various device options
0x00h
0x01
Master Control 2
NVM
R/W
0x00h
0x02
General Status
VM
R
Device status
0x00h
0x03
Charger Status
VM
R
Charger status
0x00h
0x04
Temperature Status
VM
R
Charger temperature status
0x00h
0x05
Fault 1
VM
R
Device Faults
0x00h
0x06
Fault 2
VM
R
0x00h
0x07
ADC Output 1
VM
R
ADC Output
0x00h
0x08
ADC Output 2
VM
R
0x00h
0x09
ADC Configuration 1
VM
R/W
ADC configuration bits
0x00h
0x0A
ADC Configuration 2
VM
R/W
0x00h
0x0B
Charge Control VBAT
Short
NVM
R/W
Configure various charger options
0x98h
0x0C
Charge Control 2
NVM
R/W
Configure various charger options
0x40h
0x0D
Charge Control 3
NVM
R/W
Configure various charger options
0x49h
0x0E
OTG Mode Control 1
NVM
R/W
Configure OTG mode options
0xADh
RFU
N/A
0x0F
OTG Mode Control 2
NVM
R/W
Configure OTG mode options
0x43h
RFU
N/A
0x10
OTG Control 3
NVM
R/W
Configure Converter options
0x78h
RFU
NA
0x11
Battery Regulation
Voltage 1
NVM
R/W
11-bit, 2.5 ~ 22.5V, LSB = 10mV, Default = 4.2V
0xF1h
0x12
Battery Regulation
Voltage 2
NVM
R/W
0x54h


Podobny numer części - ACT2861QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

Podobny opis - ACT2861QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com