Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT2861QI Arkusz danych(PDF) 77 Page - Active-Semi, Inc

Numer części ACT2861QI
Szczegółowy opis  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI Arkusz danych(HTML) 77 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 73Page - Active-Semi, Inc ACT2861QI Datasheet HTML 74Page - Active-Semi, Inc ACT2861QI Datasheet HTML 75Page - Active-Semi, Inc ACT2861QI Datasheet HTML 76Page - Active-Semi, Inc ACT2861QI Datasheet HTML 77Page - Active-Semi, Inc ACT2861QI Datasheet HTML 78Page - Active-Semi, Inc ACT2861QI Datasheet HTML 79Page - Active-Semi, Inc ACT2861QI Datasheet HTML 80Page - Active-Semi, Inc ACT2861QI Datasheet HTML 81Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
77
REG 0x0F: OTG Mode Control 2 (R/W) (NVM)
Bit
Name
Description
Comment
7
OTG_VBAT_CUTOFF[2]
0
000: VBATLOW
001: VBATLOW -0.2V
010: VBATLOW -0.4V
011: VBATLOW -0.6V
100: VBATLOW -0.8V
101: VBATLOW -1.0V
110: VBATLOW -1.2V
111: VBATLOW -1.4V
Battery Cut Off threshold for OTG mode to operate.
Referenced from VBATLOW level.
6
OTG_VBAT_CUTOFF[1]
0
5
OTG_VBAT_CUTOFF[0]
0
4
EN_OTG_nCHG
0
0: Disable
1: Enable
If OTG_nCHG bit is 1, device will pull nCHG pin low in
OTG mode to indicate the converter is running in OTG.
If OTG is disabled for any reason, such as VIN Fault
or VBAT Cuttoff level, etc, nCHG will go high.
If set to 0, nCHG will always be HI-Z in OTG Mode.
3
OTG_CORD_COMP[1]
1
00: Disable
01: 100mV
10: 200mV
11: 300mV
OTG Cord Compensation at 2.4A Load with 10mOhm
Resistor
(20mOhm resistor as option)
2
OTG_CORD_COMP[0]
0
1
OTG_EN_DLY[1]
0
00: 0 ms
01: 200 ms
10: 500 ms
11: 1 s
The delay before enabling the OTG output from the
nOTG pin or OTG register bit.
0
OTG_EN_DLY[0]
1


Podobny numer części - ACT2861QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

Podobny opis - ACT2861QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com