Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4073BM96 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4073BM96
Szczegółowy opis  CMOS AND GATES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4073BM96 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CD4073BM96 Datasheet HTML 2Page - Texas Instruments CD4073BM96 Datasheet HTML 3Page - Texas Instruments CD4073BM96 Datasheet HTML 4Page - Texas Instruments CD4073BM96 Datasheet HTML 5Page - Texas Instruments CD4073BM96 Datasheet HTML 6Page - Texas Instruments CD4073BM96 Datasheet HTML 7Page - Texas Instruments CD4073BM96 Datasheet HTML 8Page - Texas Instruments CD4073BM96 Datasheet HTML 9Page - Texas Instruments CD4073BM96 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4082BPW
ACTIVE
TSSOP
PW
14
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD4082BPWR
ACTIVE
TSSOP
PW
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
JM38510/17001BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
JM38510/17002BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
JM38510/17003BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 2


Podobny numer części - CD4073BM96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4073BM96 TI1-CD4073BM96 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
CD4073BM96 TI1-CD4073BM96 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS AND Gates
CD4073BM96E4 TI1-CD4073BM96E4 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
CD4073BM96G4 TI1-CD4073BM96G4 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
More results

Podobny opis - CD4073BM96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4073B TI1-CD4073B_15 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS AND Gates
CD4081BME4 TI1-CD4081BME4 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
logo
Micro Electronics
MMC4081 MICRO-ELECTRONICS-MMC4081 Datasheet
125Kb / 4P
   CMOS AND GATES
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
CD4011B TI1-CD4011B_17 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS NAND GATES
logo
R & E International, In...
4071B RANDE-4071B Datasheet
344Kb / 2P
   CMOS OR GATES
logo
Texas Instruments
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com