Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT4910QW Arkusz danych(PDF) 20 Page - Active-Semi, Inc

Numer części ACT4910QW
Szczegółowy opis  Power Loss Protection with 6A eFuse
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4910QW Arkusz danych(HTML) 20 Page - Active-Semi, Inc

Back Button ACT4910QW Datasheet HTML 16Page - Active-Semi, Inc ACT4910QW Datasheet HTML 17Page - Active-Semi, Inc ACT4910QW Datasheet HTML 18Page - Active-Semi, Inc ACT4910QW Datasheet HTML 19Page - Active-Semi, Inc ACT4910QW Datasheet HTML 20Page - Active-Semi, Inc ACT4910QW Datasheet HTML 21Page - Active-Semi, Inc ACT4910QW Datasheet HTML 22Page - Active-Semi, Inc ACT4910QW Datasheet HTML 23Page - Active-Semi, Inc ACT4910QW Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ACT4910QW
Rev 1.0, 15-Sept-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2017 Active-Semi, Inc.
20
EFUSE
General Description
The ACT4910 eFuse is an “electronic” fuse that
disconnects the input from the output. It has
considerable advantages over mechanical fuses
because it has adjustable current thresholds and it
resets after the fault condition is gone. The eFuse
consists of two back-to-back MOSFETS to provide bi-
directional protection. This provides protection against
both input and output short circuit conditions by
preventing current flow in both directions. Hot swap
functionality is provided by the eFuse softstart function
and current limiting circuitry. This prevents large inrush
currents from pulling down the input voltage. The eFuse
also provides protection against high input voltage
transients up to 24V by opening when the input voltage
goes above the programmed threshold.
The eFuse turns off in the following conditions.
1. EN voltage below UV threshold
2. EN voltage above the OV threshold
3. Input voltage above the OV threshold
4. eFuse current above the OC threshold
5. VIN – VOUT > 560mV
Current Limit Setting
A resistor connected between the ISET pin and VSS
program the ACT4910 eFuse inrush and maximum DC
current limits. The input current limit is linearly
proportional to the resistor value on the ISET pin. The
following equation calculates the correct resistor value
to get the desired current limit threshold.
Equation (1)
Where RILIM is the current limit resistor in ohms and IILIM
is the desired current limit threshold in Amperes. Figure
5 shows the current limit setting vs RILIM value.
Figure 5: Current Limit Threshold vs RILIM
Note that the eFuse current can be measured using the
ILIM pin. If eFuse current is measured via the ILIM pin,
the measurement circuit must have a high impedance
input to minimize errors. The current flowing out of ILIM
is 1/50000 of the current through the eFuse. The
following equation calculates the eFuse current when
measured via the ILIM pin.
Equation (2)
Where RILIM is the current limit resistor in ohms and VILIM
is the voltage on the ILIM pin in volts.
When the eFuse reaches the current limit threshold, it
clamps the output current. If the load tries to draw
additional current, the eFuse opens.
Soft-Start
The SS pin controls the eFuse start-up. The SS pin
drives a constant 5μA internal current source into the
external soft-start capacitor to provide a linear ramping
voltage at the SS pin. The output voltage linearly ramps
with the SS pin voltage, resulting in a well-controlled
linear softstart ramp on VOUT, regardless of the load
conditions. The following equation calculates the
required soft-start capacitance.
Equation 2
Where the TSS is the soft-start time in ms and VOUT is the
output voltage.
The softstart current must be less than 90% of the
programmed eFuse current limit. If the softstart current
is greater than 90% of the eFuse current limit, the IC
enters the SHUTDOWN2 state, turns off the eFuse, and
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
0
102030405060
RISET (kΩ)


Podobny numer części - ACT4910QW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW301-T ACTIVE-SEMI-ACT4911QW301-T Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

Podobny opis - ACT4910QW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com