Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT8870QJ-T Arkusz danych(PDF) 17 Page - Active-Semi, Inc

Numer części ACT8870QJ-T
Szczegółowy opis  Advanced PMU for Microcontrollers and Solid State Drive Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870QJ-T Arkusz danych(HTML) 17 Page - Active-Semi, Inc

Back Button ACT8870QJ-T Datasheet HTML 13Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 14Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 15Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 16Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 17Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 18Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 19Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 20Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
ACT8870QJ-T
Rev 3.0, 02-Oct-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2016-2017 Active-Semi, Inc.
I2CTM is a trademark of NXP
17
LDO2 AND LDO3 ELECTRICAL CHARACTERISTICS
(VIN_LDO23 = 5V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.4
5.5
V
Output Voltage Range – VSET
Configurable in 25mV steps
0.8
4.0
V
Output Voltage Accuracy
VIN_LDO23 - VLDOx_OUT > 0.4V
-1
VSET
1
%
Line Regulation
VIN_LDO23 - VLDOx_OUT > 0.4V
VIN_LDO23 = 2.8V to 5.5V
ILDOx_OUT = 1mA
0.007
% / V
Load Regulation
ILDOx_OUT = 1mA to 100mA, LDOx_ILIM=1X
-1
% / A
Power Supply Rejection Ratio
f = 1kHz, ILDOx_OUT = 20mA,
VLDOx_OUT = 1.8V
56
dB
f = 10kHz, ILDOx_OUT = 20mA,
VLDOx_OUT = 1.8V
45
f = 2.25MHz, ILDOx_OUT = 20mA,
VLDOx_OUT = 1.8V
55
Supply Current per Output
Regulator Disabled
0.02
1
µA
Supply Current per Output
Regulator Enabled, No load
15
µA
Soft-Start Period
VLDOx_OUT = 1.8V Setting (10% to 90%)
LDO23 SS_RAMP=00
LDO23 SS_RAMP=01
LDO23 SS_RAMP=10
LDO23 SS_RAMP=11
110
110
165
215
µs
VLDOx_OUT = 2.5V Setting (10% to 90%)
LDO23 SS_RAMP=00
LDO23 SS_RAMP=01
LDO23 SS_RAMP=10
LDO23 SS_RAMP=11
145
145
175
215
VLDOx_OUT = 3.3V Setting (10% to 90%)
LDO23 SS_RAMP=00
LDO23 SS_RAMP=01
LDO23 SS_RAMP=10
LDO23 SS_RAMP=11
200
200
210
235
Power Good Threshold
VLDOx_OUT Rising
91
93
95
%VNOM
Power Good Hysteresis
VLDOx_OUT Falling
3
%VNOM
Overvoltage Fault Threshold
VLDOx_OUT Rising
105
110
114
%VNOM
Overvoltage Fault Hysteresis
VLDOx_OUT Falling
3
%VNOM
Discharge Resistance
20
50
125
Dropout Voltage
ILDOx_OUT = 30mA
50
90
mV
Dropout Voltage
ILDOx_OUT = 50mA, LDOx_ILIM=01
90
150
mV
Dropout Voltage
ILDOx_OUT = 100mA, LDOx_ILIM=1x
180
310
mV
Dropout Voltage
ILDOx_OUT = 150mA VIN_LDO23 > 2.8
LDOx_ILIM=11
285
500
mV


Podobny numer części - ACT8870QJ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT8870QJ101-T ACTIVE-SEMI-ACT8870QJ101-T Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
More results

Podobny opis - ACT8870QJ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT88430QJ-T ACTIVE-SEMI-ACT88430QJ-T Datasheet
1Mb / 42P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 1.0, 24-Oct-2018
ACT8870 ACTIVE-SEMI-ACT8870 Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com