Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT8870QJ-T Arkusz danych(PDF) 41 Page - Active-Semi, Inc

Numer części ACT8870QJ-T
Szczegółowy opis  Advanced PMU for Microcontrollers and Solid State Drive Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870QJ-T Arkusz danych(HTML) 41 Page - Active-Semi, Inc

Back Button ACT8870QJ-T Datasheet HTML 35Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 36Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 37Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 38Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 39Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 40Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 41Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 42Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 43Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
ACT8870QJ-T
Rev 3.0, 02-Oct-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2016-2017 Active-Semi, Inc.
I2CTM is a trademark of NXP
41
Startup
Buck1
VIN
LDO2/3
Buck2
Buck3
0.7ms
Buck4
CMI 104 Startup
nRESET_AUX1
0.5ms
0.5ms
1.991ms
0.5ms
SLEEP Mode
Enter SLEEP Mode by pulling PWREN low. The IC operates in Active mode when PWREN is high. Note that in the
default configuration, nRESET_AUX1 goes low when the IC enters Sleep mode. If the user requires nRESET_AUX1 to
stay high in Sleep mode, write a 1 into register 0x00h, bit 7.
DVS Mode
CMI 104 does not include the DVS function. Note that the processor can change Buck2 and Buck3 output voltages on
the fly with EXT_PG and nRESET_AUX2. This effectively provides independent DVS control for these two outputs.
Buck2 VID Boot Voltage - EXT_PG
The EXT_PG input sets the Buck2 boot up voltage. When EXT_PG = 0, Buck2 = 1.5V. When EXT_PG = 1, Buck2 =
1.35V. EXT_PG changes Buck2 at startup and during normal operation.
Buck3 VID Boot Voltage - nRESET_AUX2
The nRESET_AUX2 input sets the Buck3 boot up voltage. When nRESET_AUX2 = 0, Buck3 = 1.2V. When
nRESET_AUX2 = 1, Buck3 = 1.8V. nRESET_AUX2 changes Buck3 at startup and during normal operation.
POK Thresholds
POK_UV = 4.25V
POK_OV = 5.7V
PG
The PG pin is not functional with CMI 104. Leave the PG pin floating.
nRESET
nRESET is not functional in CMI 104. Leave the nRESET pin floating.


Podobny numer części - ACT8870QJ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT8870QJ101-T ACTIVE-SEMI-ACT8870QJ101-T Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
More results

Podobny opis - ACT8870QJ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT88430QJ-T ACTIVE-SEMI-ACT88430QJ-T Datasheet
1Mb / 42P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 1.0, 24-Oct-2018
ACT8870 ACTIVE-SEMI-ACT8870 Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com