Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT88320QI-T Arkusz danych(PDF) 17 Page - Active-Semi, Inc

Numer części ACT88320QI-T
Szczegółowy opis  Advanced PMU with Inrush Control and Bypass Switch
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88320QI-T Arkusz danych(HTML) 17 Page - Active-Semi, Inc

Back Button ACT88320QI-T Datasheet HTML 13Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 14Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 15Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 16Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 17Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 18Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 19Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 20Page - Active-Semi, Inc ACT88320QI-T Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
ACT88320QI-T
Rev 2.0, 20-Dec-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2017 Active-Semi, Inc
17
SYSTEM CONTROL INFORMATION
General
The ACT88320 is a single-chip integrated power man-
agement solution designed to power many processors
such as the Silicon Motion SM2258 and SM2259 solid
state drive controllers and the Atmel SAMA5D proces-
sors. It integrates three highly efficient buck regulators,
two LDOs, an integrated load bypass switch, and a built
in inrush and overvoltage controller. Its high integration
and high switching frequency result in an extremely
small footprint and lost power solution. It contains a
master controller that manages startup sequencing, tim-
ing, voltages, slew rates, sleep states, and fault condi-
tions. I2C configurability allows system level changes
without the need for costly PCB changes. The built-in
load bypass switch enables full sequencing configura-
bility in 3.3V systems.
The ACT88320 master controller monitors all outputs
and reports faults via I2C and hardwired status signals.
Faults can be masked and fault levels and responses
are configurable via I2C.
Many of the ACT88320 pins and functions are configu-
rable. The IC’s default functionality is defined by the de-
fault CMI (Code Matrix Index), but much of this function-
ality can be changed via I2C. Several GPIOs can be
configured as enable inputs, reset outputs, dynamic
voltage (DVS) inputs, LED drivers, etc. The GPIO con-
figuration is specifically defined for each ACT88320 or-
derable part number. The first part of the datasheet de-
scribes basic IC functionality and default pin functions.
The end of the datasheet provides the configuration and
functionality specific to each CMI version. Contact
sales@active-semi.com for additional information about
other configurations.
I2C Serial Interface
To ensure compatibility with a wide range of systems,
the ACT88320 uses standard I2C commands. The
ACT88320 operates as a slave device, and can be fac-
tory configured to one of four 7-bit slave addresses. The
7-bit slave address is followed by an eighth bit, which
indicates whether the transaction is a read-operation or
a write-operation. Refer to each specific CMI for the IC’s
slave address
7-Bit Slave Address
8-Bit Write
Address
8-Bit Read
Address
0x25h
010 0101b
0x4Ah
0x4Bh
0x27h
010 0111b
0x4Eh
0x4Fh
0x67h
110 0111b
0xCEh
0xCFh
0x6Bh
110 1011b
0xD6h
0xD7h
There is no timeout function in the I2C packet pro-
cessing state machine, however, any time the I2C state
machine receives a start bit command, it immediately
resets the packet processing, even if it is in the middle
of a valid packet. The I2C functionality is operational in
all states except RESET.
I2C commands are communicated using the SCL and
SDA pins. SCL is the I2C serial clock input. SDA is the
data input and output. SDA is open drain and must have
a pull-up resistor. Signals on these pins must meet
timing requirements in the Electrical Characteristics
Table.
I2C Registers
The ACT88320 contains an array of internal registers
that contain the IC’s basic instructions for setting up the
IC configuration, output voltages, sequencing, fault
thresholds, fault masks, etc. These registers are what
give the IC its operating flexibility. The two types of
registers are described below.
Basic Volatile – These are R/W (Read and Write) and
RO (Read only). After the IC is powered, the user can
modify the R/W register values to change IC
functionality. Changes in functionality include things like
masking certain faults. The RO registers communicate
IC status such as fault conditions. Any changes to these
registers are lost when power is recycled. The default
values are fixed and cannot be changed by the factory
or the end user.
Basic Non-Volatile – These are R/W and RO. After the
IC is powered, the user can modify the R/W register
values to change IC functionality. Changes in
functionality include things like output voltage settings,
startup delay time, and current limit thresholds. Any
changes to these registers are lost when power is
recycled. The default values can be modified at the
factory to optimize IC functionality for specific
applications. Please consult sales@active-semi.com for
custom options and minimum order quantities.
When modifying only certain bits within a register, take
care
to
not
inadvertently
change
other
bits.
Inadvertently changing register contents can lead to
unexpected device behavior.
State Machine
Figure 1 shows the ACT88320 internal state machine.


Podobny numer części - ACT88320QI-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Qorvo, Inc
ACT88321 QORVO-ACT88321 Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU101-T QORVO-ACT88321VU101-T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU103-T QORVO-ACT88321VU103-T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU104-T QORVO-ACT88321VU104-T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
ACT88321VU105.E1T QORVO-ACT88321VU105.E1T Datasheet
1Mb / 55P
   Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Rev. D, June 17, 2022
More results

Podobny opis - ACT88320QI-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT88326VA ACTIVE-SEMI-ACT88326VA Datasheet
4Mb / 41P
   Advanced PMU with Bypass Switch, & Pushbutton Function
Rev 1.0, 29-May-2018
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
   Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Motorola, Inc
MBC13720 MOTOROLA-MBC13720 Datasheet
704Kb / 16P
   Amplifier with Bypass Switch
logo
Active-Semi, Inc
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
logo
M/A-COM Technology Solu...
MAMF-010614 MA-COM-MAMF-010614 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
MAMF-010614 MA-COM-MAMF-010614_15 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com