Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PAC5255 Arkusz danych(PDF) 56 Page - Active-Semi, Inc

Numer części PAC5255
Szczegółowy opis  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Arkusz danych(HTML) 56 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 52Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 53Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 54Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 55Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 56Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 57Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 58Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 59Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 60Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
PAC5255
Power Application Controller
15.4. Electrical Characteristics
Table 29. Clock Control System Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, VCC18 = 1.8V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
Clock Tree (FRCLK, FCLK, HCLK, and ACLK)
fFRCLK
Free running clock frequency
50
MHz
fFCLK
Fast clock frequency
100
MHz
fHCLK
High-speed clock frequency
50
MHz
fACLK
Auxiliary clock frequency
100
MHz
Internal Oscillators
fROSC
Ring oscillator frequency
Frequency setting = 11b
7.5
MHz
Frequency setting = 10b
9.6
Frequency setting = 01b
13.8
Frequency setting = 00b
25.7
fTRIM
Trimmed RC oscillator frequency
TA = 25°C
-2%
4
2%
MHz
TA = -40°C to 105°C
-3%
4
3%
Trimmed RC oscillator clock jitter
TA = -40°C to 85°C
0.5
%
Crystal Oscillator Driver
VIH;XIN
XIN high-level input voltage
0.65•VCC18
V
VIL;XIN
XIN low-level input voltage
0.35•VCC18
V
fXTAL
Crystal oscillator frequency range
2
10
MHz
Recommended capacitive load
fXTAL = 2MHz to 3MHz
25
pF
fXTAL = 3MHz to 6MHz
20
fXTAL = 6MHz to 10MHz
16
External circuit ESR
fXTAL = 2MHz to 3MHz
1000
Ω
fXTAL = 3MHz to 6MHz
400
fXTAL = 6MHz to 10MHz
100
External Clock Input
fEXTCLK
External clock input frequency range
40
MHz
tHIGH;EXTCLK
External clock high time
10
ns
tLOW;EXTCLK
External clock low time
10
ns
PLL
fINPLL
PLL input frequency range
2
25
MHz
fOUTPLL
PLL output frequency range
3.5
100
MHz
PLL settling time
0.5
ms
PLL period jitter
RMS
30
ps
Peak to peak
±150
- 56 -
Rev 1.10‒March 3, 2018


Podobny numer części - PAC5255_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

Podobny opis - PAC5255_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com