Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LR24C02 Arkusz danych(PDF) 9 Page - Leshan Radio Company

Numer części LR24C02
Szczegółowy opis  Two-Wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C02 Arkusz danych(HTML) 9 Page - Leshan Radio Company

Back Button LR24C02 Datasheet HTML 5Page - Leshan Radio Company LR24C02 Datasheet HTML 6Page - Leshan Radio Company LR24C02 Datasheet HTML 7Page - Leshan Radio Company LR24C02 Datasheet HTML 8Page - Leshan Radio Company LR24C02 Datasheet HTML 9Page - Leshan Radio Company LR24C02 Datasheet HTML 10Page - Leshan Radio Company LR24C02 Datasheet HTML 11Page - Leshan Radio Company LR24C02 Datasheet HTML 12Page - Leshan Radio Company LR24C02 Datasheet HTML 13Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 9: Sequential Read
Electrical Characteristics
Absolute Maximum Stress Ratings
DC Supply Voltage……………………..-0.3V to +6.5V
Input / Output Voltage ……...GND-0.3V to VCC+0.3V
Operating Ambient Temperature . . . . . -40
to +85
Storage Temperature . . . . . . . . . . . . -65
to +150
DC Electrical Characteristics
Applicable over recommended operating range from: TA = -40
to +85 ,VCC = +1.7V to +5.5V (unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
Vcc
1.7
5.5
V
Supply Current VCC = 5.0V
ICC1
0.4
1.0
mA
READ at 400KHz
Supply Current VCC = 5.0V
ICC2
2.0
3.0
mA
WRITE at 400KHz
Standby Current
ISB
3.0
μA
VIN=VCC or GND
Input Leakage Current
ILI
3.0
μA
VIN=VCC or GND
Output Leakage Current
ILO
0.05
3.0
μA
VOUT=VCC or GND
Input Low Level
VIL1
-0.3
Vcc*0.3
V
Vcc=1.8V to 5.5V
Input High Level
VIH1
Vcc*0.7
Vcc+0.3
V
Vcc=1.8V to 5.5V
Input Low Level
VIL2
-0.3
Vcc*0.2
V
Vcc=1.7V
Input High Level
VIH2
Vcc*0.7
Vcc+0.3
V
Vcc=1.7V
Output Low Level VCC =5.0V
VOL3
0.4
V
IOL=3.0mA
Output Low Level VCC =3.0V
VOL2
0.4
V
IOL=2.1mA
Output Low Level VCC =1.7V
VOL1
0.2
V
IOL=0.15mA
Comments
Stresses above those listed under "Absolute Maximum Ratings"
may cause permanent damage to this device. These are stress
ratings only. Functional operation of this device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied or intended.
Exposure to the absolute maximum rating conditions for
extended periods may affect device reliability.
V2.1
9/15
LESHAN RADIO COMPANY, LTD.


Podobny numer części - LR24C02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LR24C08 LRC-LR24C08 Datasheet
2Mb / 16P
   Two-Wire Serial EEPROM
More results

Podobny opis - LR24C02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com