Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP2234S Arkusz danych(PDF) 16 Page - Monolithic Power Systems

Numer części MP2234S
Szczegółowy opis  High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2234S Arkusz danych(HTML) 16 Page - Monolithic Power Systems

Back Button MP2234S Datasheet HTML 11Page - Monolithic Power Systems MP2234S Datasheet HTML 12Page - Monolithic Power Systems MP2234S Datasheet HTML 13Page - Monolithic Power Systems MP2234S Datasheet HTML 14Page - Monolithic Power Systems MP2234S Datasheet HTML 15Page - Monolithic Power Systems MP2234S Datasheet HTML 16Page - Monolithic Power Systems MP2234S Datasheet HTML 17Page - Monolithic Power Systems MP2234S Datasheet HTML 18Page - Monolithic Power Systems MP2234S Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP2234S – SYNCHRONOUS STEP-DOWN CONVERTER
MP2234S Rev.1.0
www.MonolithicPower.com
16
4/3/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
L1
C2
R4
R1
C4
Vin
GND
Vout
SW
GND
C1A
C1
C3
C2A
C6
Top Layer
SW
BST
EN/SYNC
GND
GND
Vout Sense
Bottom Layer
Figure 9. Recommended PCB Layout
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
12V
VOUT
3.3V
IOUT
2A
The detailed application schematic is shown in
Figure 11. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.


Podobny numer części - MP2234S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234GJ MPS-MP2234GJ Datasheet
1Mb / 21P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
More results

Podobny opis - MP2234S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
   High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com