Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD199E6327 Arkusz danych(PDF) 4 Page - Infineon Technologies AG

Numer części SD199E6327
Szczegółowy opis  For Hyperband TV / VTR tuners, Bd I
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SD199E6327 Arkusz danych(HTML) 4 Page - Infineon Technologies AG

  SD199E6327 Datasheet HTML 1Page - Infineon Technologies AG SD199E6327 Datasheet HTML 2Page - Infineon Technologies AG SD199E6327 Datasheet HTML 3Page - Infineon Technologies AG SD199E6327 Datasheet HTML 4Page - Infineon Technologies AG SD199E6327 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2007-03-28
4
SD199E6327
Package SOD323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
BAR63-03W
Type code
Cathode marking
Laser marking
0.6
marking
Cathode
0.25
0.3
1
-0.05
M
A
+0.1
+0.2
2
1.25-0.1
+0.05
-0.2
0.3
0.15-0.06
+0.1
0 ±0.05
A
0.9
+0.2
-0.1
0.2
4
1
1.35
0.65
Cathode
marking


Podobny numer części - SD199E6327

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winchester Electronics ...
SD1994-1-9 WINCHESTER-SD1994-1-9 Datasheet
65Kb / 1P
   RECEPTACLE, BULKHEAD, TRB
SD1994-3-5 WINCHESTER-SD1994-3-5 Datasheet
75Kb / 1P
   RECEPTACLE, BULKHEAD, (3 STUD) TRB
SD1995-14-5 WINCHESTER-SD1995-14-5 Datasheet
57Kb / 1P
   PLUG, TRB
SD1995-3-9 WINCHESTER-SD1995-3-9 Datasheet
743Kb / 2P
   BNC TRIAXIAL PLUG (3 STUD)
SD1996-14-5 WINCHESTER-SD1996-14-5 Datasheet
99Kb / 1P
   PLUG, ANGLE, TRB, (3 SLOT)
More results

Podobny opis - SD199E6327

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BB620 SIEMENS-BB620 Datasheet
30Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
BB640 SIEMENS-BB640 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
logo
Infineon Technologies A...
BA892-02VE6327 INFINEON-BA892-02VE6327 Datasheet
976Kb / 11P
   For band switching in TV/VTR tuners and mobile applications
2011-07-21
logo
NXP Semiconductors
TDA5744 PHILIPS-TDA5744 Datasheet
123Kb / 20P
   Low power mixers/oscillators for hyperband tuners
1998 Mar 09
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
logo
Infineon Technologies A...
BB555E7902 INFINEON-BB555E7902 Datasheet
911Kb / 9P
   For UHF-TV-tuners
2011-06-15
logo
NXP Semiconductors
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
logo
List of Unclassifed Man...
LTH ETC2-LTH Datasheet
140Kb / 1P
   CERAMIC FOR FILTER TV/VTR
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com